Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADV3225ACPZ Datasheet(PDF) 3 Page - Analog Devices

Part # ADV3225ACPZ
Description  750 MHz, 16 x 8 Analog Crosspoint Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV3225ACPZ Datasheet(HTML) 3 Page - Analog Devices

  ADV3225ACPZ Datasheet HTML 1Page - Analog Devices ADV3225ACPZ Datasheet HTML 2Page - Analog Devices ADV3225ACPZ Datasheet HTML 3Page - Analog Devices ADV3225ACPZ Datasheet HTML 4Page - Analog Devices ADV3225ACPZ Datasheet HTML 5Page - Analog Devices ADV3225ACPZ Datasheet HTML 6Page - Analog Devices ADV3225ACPZ Datasheet HTML 7Page - Analog Devices ADV3225ACPZ Datasheet HTML 8Page - Analog Devices ADV3225ACPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Data Sheet
ADV3224/ADV3225
Rev. B | Page 3 of 24
SPECIFICATIONS
VS = ±5 V, TA = 25°C, RL = 150 Ω, unless otherwise noted.
Table 1.
ADV3224
ADV3225
Parameter
Test Conditions/Comments
Min
Typ
Max
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Bandwidth
200 mV p-p
1200
900
MHz
2 V p-p
750
850
MHz
Gain Flatness
0.1 dB, 2 V p-p
55
50
MHz
0.5 dB, 2 V p-p
250
235
MHz
Propagation Delay
2 V p-p
0.6
0.6
ns
Settling Time
1%, 2 V step
3
3
ns
Slew Rate
2 V step, peak
2500
2500
V/μs
NOISE/DISTORTION PERFORMANCE
Differential Gain Error
NTSC or PAL
0.01
0.02
%
Differential Phase Error
NTSC or PAL
0.01
0.02
Degrees
Crosstalk, All Hostile, RTO
f = 100 MHz
−45
−45
dB
f = 5 MHz
−87
−70
dB
Off Isolation, Input to Output
f = 100 MHz, one channel
−80
−87
dB
OIP2
f = 100 MHz, RL = 100 Ω
38
dBm
f = 500 MHz, RL = 100 Ω
15
dBm
OIP3
f = 100 MHz, RL = 100 Ω
32
dBm
f = 500 MHz, RL = 100 Ω
7
dBm
Output 1 dB Compression Point
f = 100 MHz, RL = 100 Ω
19
dBm
f = 500 MHz, RL = 100 Ω
10
dBm
Input Voltage Noise Density
50 MHz
18
18
nV/√Hz
DC PERFORMANCE
Gain Error
0.1
0.5
0.2
1.5
%
Gain Matching
Channel-to-channel
0.5
1.5
%
Gain Temperature Coefficient
0.5
5
ppm/°C
OUTPUT CHARACTERISTICS
Output Resistance
DC, enabled
0.2
0.2
Ω
DC, disabled
15
8
MΩ
Output Disabled Capacitance
2.2
2.6
pF
Output Leakage Current
Output disabled
0.5
0.5
μA
Output Voltage Range
No load
±3
±3
V
RL = 150 Ω
±2.8
±2.8
V
Short-Circuit Current
55
55
mA
INPUT CHARACTERISTICS
Input Offset Voltage
Worst case (all configurations)
±5
±5
mV
Input Offset Voltage Drift
5
5
μV/°C
Input Voltage Range
±3
±1.5
V
Input Capacitance
Any switch configuration
1.8
1.8
pF
Input Resistance
2
2
MΩ
Input Bias Current
Any switch configuration
±1
±1
μA
SWITCHING CHARACTERISTICS
Enable/Disable Time
50% UPDATE to 1% settling
20
20
ns
Switching Time, 2 V Step
50% UPDATE to 1% settling
20
20
ns
Switching Transient (Glitch)
25
50
mV p-p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com