Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD7768BSTZ Datasheet(PDF) 35 Page - Analog Devices

Part # AD7768BSTZ
Description  8-/4-Channel, 24-Bit, Simultaneous Sampling ADCs with Power Scaling, 110.8 kHz BW
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7768BSTZ Datasheet(HTML) 35 Page - Analog Devices

Back Button AD7768BSTZ Datasheet HTML 31Page - Analog Devices AD7768BSTZ Datasheet HTML 32Page - Analog Devices AD7768BSTZ Datasheet HTML 33Page - Analog Devices AD7768BSTZ Datasheet HTML 34Page - Analog Devices AD7768BSTZ Datasheet HTML 35Page - Analog Devices AD7768BSTZ Datasheet HTML 36Page - Analog Devices AD7768BSTZ Datasheet HTML 37Page - Analog Devices AD7768BSTZ Datasheet HTML 38Page - Analog Devices AD7768BSTZ Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 99 page
background image
Data Sheet
AD7768/AD7768-4
Rev. A | Page 35 of 99
–4
–3
–2
–1
0
1
2
3
4
INPUT VOLTAGE (V)
–VREF
0V
+VREF
VREF = 2.500V
VREF = 4.096V
VREF = 5.000V
Figure 42. INL Error vs. Input Voltage for Various Voltage Reference (VREF)
Levels, Eco Mode
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
INPUT VOLTAGE (V)
–VREF
0V
+VREF
FULL SCALE (–4.015V TO +4.015V)
HALF SCALE (–2.008V TO +2.008V)
QUARTER SCALE (–1.004V TO +1.004V)
Figure 43. INL Error vs. Input Voltage, Full-Scale, Half-Scale, and
Quarter-Scale Inputs
–3
–2
–1
0
1
2
3
INPUT VOLTAGE (V)
+25°C
0°C
+85°C
+105°C
–40°C
Figure 44. INL Error vs. Input Voltage for Various Temperatures,
Fast Mode
0
10
20
30
40
50
–60
–50
–40
–30
–20
–10
0
10
20
OFFSET ERROR (µV)
+105°C
+25°C
–40°C
Figure 45. Offset Error Distribution, DCLK = 24 MHz
0
10
20
30
40
50
–140
–120
–100
–80
–60
–40
–20
0
20
40
OFFSET ERROR (µV)
+105°C
+25°C
–40°C
Figure 46. Offset Error Distribution, DCLK = 32 MHz
120
100
80
60
40
20
0
–150 –100 –50
0
50
100
150
200
250
300
350
OFFSET ERROR DRIFT (nV/°C)
Figure 47. Offset Error Drift, DCLK = 24 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com