Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD7768BSTZ Datasheet(PDF) 90 Page - Analog Devices

Part # AD7768BSTZ
Description  8-/4-Channel, 24-Bit, Simultaneous Sampling ADCs with Power Scaling, 110.8 kHz BW
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7768BSTZ Datasheet(HTML) 90 Page - Analog Devices

Back Button AD7768BSTZ Datasheet HTML 86Page - Analog Devices AD7768BSTZ Datasheet HTML 87Page - Analog Devices AD7768BSTZ Datasheet HTML 88Page - Analog Devices AD7768BSTZ Datasheet HTML 89Page - Analog Devices AD7768BSTZ Datasheet HTML 90Page - Analog Devices AD7768BSTZ Datasheet HTML 91Page - Analog Devices AD7768BSTZ Datasheet HTML 92Page - Analog Devices AD7768BSTZ Datasheet HTML 93Page - Analog Devices AD7768BSTZ Datasheet HTML 94Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 99 page
background image
AD7768/AD7768-4
Data Sheet
Rev. A | Page 90 of 99
Bits
Bit Name
Settings
Description
Reset
Access
[5:4]
POWER_MODE
Power mode. The power mode bits control the power mode setting for
the bias currents used on all ADCs on the AD7768-4. The user can select
the current consumption target to meet the application. The power
modes of fast, median, and eco give optimum performance when
mapped to the correct MCLK division setting. These power mode bits do
not control the MCLK division of the ADCs. See the MCLK_DIV bits for
control of the division of the MCLK input.
0x0
RW
00
Eco.
10
Median.
11
Fast.
3
LVDS_ENABLE
LVDS clock.
0x0
RW
0
LVDS input clock disabled.
1
LVDS input clock enabled.
[1:0]
MCLK_DIV
MCLK division. The MCLK division bits control the divided ratio between
the MCLK applied at the input to the AD7768-4 and the clock used by
each of the ADC modulators. The appropriate division ratio depends on
the following factors: power mode, decimation rate, and the base MCLK
available in the system. See the Clocking, Sampling Tree, and Power Scaling
section for more information on setting MCLK_DIV correctly.
0x0
RW
00
MCLK/32: with a base MCLK of 32.768 MHz, set to MCLK/32 for eco mode.
10
MCLK/8: with a base MCLK of 32.768 MHz, set to MCLK/8 for median mode.
11
MCLK/4: with a base MCLK of 32.768 MHz, set to MCLK/4 for fast mode.
GENERAL DEVICE CONFIGURATION REGISTER
Address: 0x05, Reset: 0x08, Name: General Configuration
Table 69. Bit Descriptions for General Configuration
Bits
Bit Name
Settings
Description
Reset
Access
5
RETIME_EN
SYNC_OUTsignal retime enable bit.
0x0
RW
0
Disabled: normal timing of SYNC_OUT.
1
Enabled: SYNC_OUT signal derived from alternate MCLK edge.
4
VCM_PD
VCM buffer power-down.
0x0
RW
0
Enabled: VCM buffer normal mode.
1
Powered down: VCM buffer powered down.
3
Reserved
1
Not a user option. This bit must be set to 1.
0x1
RW
[1:0]
VCM_VSEL
VCM voltage. These bits select the output voltage of the VCM pin. This voltage is
derived from the AVDD1 supply and can be output as half of that AVDD1 voltage, or
other fixed voltages, with respect to AVSS. The VCM voltage output is associated
with the Channel 0 circuitry. If Channel 0 is put into standby mode, the VCM voltage
output is also disabled for maximum power savings. Channel 0 must be enabled
while VCM is being used externally to the AD7768-4.
0x0
RW
00
(AVDD1 − AVSS)/2 V.
01
1.65 V.
10
2.5 V.
11
2.14 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com