Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD7768BSTZ Datasheet(PDF) 49 Page - Analog Devices

Part # AD7768BSTZ
Description  8-/4-Channel, 24-Bit, Simultaneous Sampling ADCs with Power Scaling, 110.8 kHz BW
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7768BSTZ Datasheet(HTML) 49 Page - Analog Devices

Back Button AD7768BSTZ Datasheet HTML 45Page - Analog Devices AD7768BSTZ Datasheet HTML 46Page - Analog Devices AD7768BSTZ Datasheet HTML 47Page - Analog Devices AD7768BSTZ Datasheet HTML 48Page - Analog Devices AD7768BSTZ Datasheet HTML 49Page - Analog Devices AD7768BSTZ Datasheet HTML 50Page - Analog Devices AD7768BSTZ Datasheet HTML 51Page - Analog Devices AD7768BSTZ Datasheet HTML 52Page - Analog Devices AD7768BSTZ Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 99 page
background image
Data Sheet
AD7768/AD7768-4
Rev. A | Page 49 of 99
Channel Standby
Table 21 and Table 23 show how the user can put channels into
standby mode. Set either ST0 or ST1 to Logic 1 to place banks of
four channels into standby mode. When in standby mode, the
channels are disabled but still hold their position in the output
data stream. The 8-bit header and 24-bit conversion result are
set to all zeros when the ADC channels are set to standby.
The VCM voltage output is associated with the Channel 0
circuitry. If Channel 0 is put into standby mode, the VCM
voltage output is also disabled for maximum power savings.
Channel 0 must be enabled while VCM is being used externally
to the AD7768/AD7768-4.
The crystal excitation circuitry is associated with the Channel 4
(Channel 2 on the AD7768-4) circuitry. If Channel 4 (Channel 2
on the AD7768-4) is put into standby mode, the crystal circuitry is
also disabled for maximum power savings. Channel 4 must be
enabled while the external crystal is used on the AD7768.
Channel 2 must be enabled while the external crystal is used on
the AD7768-4.
Table 21. Truth Table for the AD7768 ST0 and ST1 Pins
ST1
ST0
Function
0
0
All channels operational.
0
1
Channel 0 to Channel 3 in
standby. Channel 4 to
Channel 7 operational.
1
0
Channel 4 to Channel 7 in
standby. Channel 0 to
Channel 3 operational.
1
1
All channels in standby.
Table 22. Truth Table for the AD7768-4 ST0 Pin
ST0
Function
0
All channels operational.
1
Channel 0 to Channel 3 in standby.
SPI CONTROL
The AD7768/AD7768-4 have a 4-wire SPI interface that is
compatible with QSPI™, MICROWIRE®, and DSPs. The interface
operates in SPI Mode 0. In SPI Mode 0, SCLK idles low, the
falling edge of CS clocks out the MSB, the falling edge of SCLK
is the drive edge, and the rising edge of SCLK is the sample
edge. This means that data is clocked out on the falling/drive
edge and data is clocked in on the rising/sample edge.
DRIVE EDGE
SAMPLE EDGE
Figure 78. SPI Mode 0 SCLK Edges
Accessing the ADC Register Map
To use SPI control mode, set the PIN/SPI pin to logic high. The
SPI control operates as a 16-bit, 4-wire interface, allowing read
and write access. Figure 80 shows the interface format between
the AD7768/AD7768-4 and the digital host.
The SPI serial control interface of the AD7768 is an independent
path for controlling and monitoring the AD7768. There is no
direct link to the data interface. The timing of MCLK and
DCLK is not directly related to the timing of the SPI control
interface. However, the user must ensure that the SPI reads and
writes satisfy the minimum t30 specification (see Table 4 and
Table 6) so that the AD7768/AD7768-4 can detect changes to
the register map.
SPI access is ignored during the period immediately after a
reset. Allow the full ADC start-up time after reset (see Table 1)
to elapse before accessing the AD7768/AD7768-4 over the SPI
interface.
Table 23. MODEx Example Selection
Mode Hex
MODE3
MODE2
MODE1
MODE0
Power Mode
DCLK Frequency
Data Conversion
0x3
0
0
1
1
Eco
MCLK/8
Standard



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com