Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P89C51RA2BA/01 Datasheet(PDF) 49 Page - NXP Semiconductors

Part # P89C51RA2BA/01
Description  80C51 8-bit Flash microcontroller family
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89C51RA2BA/01 Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button P89C51RA2BA/01 Datasheet HTML 45Page - NXP Semiconductors P89C51RA2BA/01 Datasheet HTML 46Page - NXP Semiconductors P89C51RA2BA/01 Datasheet HTML 47Page - NXP Semiconductors P89C51RA2BA/01 Datasheet HTML 48Page - NXP Semiconductors P89C51RA2BA/01 Datasheet HTML 49Page - NXP Semiconductors P89C51RA2BA/01 Datasheet HTML 50Page - NXP Semiconductors P89C51RA2BA/01 Datasheet HTML 51Page - NXP Semiconductors P89C51RA2BA/01 Datasheet HTML 52Page - NXP Semiconductors P89C51RA2BA/01 Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 68 page
background image
Philips Semiconductors
Preliminary data
P89C51RA2/RB2/RC2/RD2xx
80C51 8-bit Flash microcontroller family
8KB/16KB/32KB/64KB ISP/IAP Flash with 512B/512B/512B/1KB RAM
2002 Jul 18
49
RECORD TYPE
COMMAND/DATA FUNCTION
03 (Cont.)
Subfunction Code = 07 (Full Chip Erase)
Erases all blocks, security bits, and sets status byte and boot vector to default values
ff = 07
ss = don’t care
dd = don’t care
Example:
:0100000307F5 full chip erase
Subfunction Code = 0C (Erase 4K Blocks)
ff = 0C
ss = block code as shown below:
Block 0 , 0k~4k , 00H
Block 1 , 4k~8k , 10H
Block 2 , 8k~12k , 20H
(only available on RD2 / RC2 / RB2)
Block 3 , 12k~16k , 30H
(only available on RD2 / RC2 / RB2)
Block 4 , 16k~20k , 40H
(only available on RD2 / RC2)
Block 5 , 20k~24k , 50H
(only available on RD2 / RC2)
Block 6 , 24k~28k , 60H
(only available on RD2 / RC2)
Block 7 , 28k~32k , 70H
(only available on RD2 / RC2)
Block 8 , 32k~36k , 80H
(only available on RD2)
Block 9 , 36k~40k , 90H
(only available on RD2)
Block 10, 40k~44k , A0H
(only available on RD2)
Block 11, 44k~48k , B0H
(only available on RD2)
Block 12, 48k~52k , C0H
(only available on RD2)
Block 13, 52k~56k , D0H
(only available on RD2)
Block 14, 56k~60k , E0H
(only available on RD2)
Block 15, 60k~64k , F0H
(only available on RD2)
Example:
:020000030C20CF (Erase 4k block #2)
04
Display Device Data or Blank Check – Record type 04 causes the contents of the entire Flash array to be sent out
the serial port in a formatted display. This display consists of an address and the contents of 16 bytes starting with that
address. No display of the device contents will occur if security bit 2 has been programmed. Data to the serial port is
initiated by the reception of any character and terminated by the reception of any character.
General Format of Function 04
:05xxxx04sssseeeeffcc
Where:
05
= number of bytes (hex) in record
xxxx
= required field, but value is a “don’t care”
04
= “Display Device Data or Blank Check” function code
ssss
= starting address
eeee
= ending address
ff
= subfunction
00 = display data
01 = blank check
02 = display data in data block (valid addresses: 0001~0FFFH)
cc
= checksum
Example 1:
:0500000440004FFF0069
display 4000–4FFF
Example 2:
:0500000400000FFF02E7
display data in data block
(the data at address 0000 is invalid)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com