Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P89C51RA2BA/01 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # P89C51RA2BA/01
Description  80C51 8-bit Flash microcontroller family
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89C51RA2BA/01 Datasheet(HTML) 2 Page - NXP Semiconductors

  P89C51RA2BA/01 Datasheet HTML 1Page - NXP Semiconductors P89C51RA2BA/01 Datasheet HTML 2Page - NXP Semiconductors P89C51RA2BA/01 Datasheet HTML 3Page - NXP Semiconductors P89C51RA2BA/01 Datasheet HTML 4Page - NXP Semiconductors P89C51RA2BA/01 Datasheet HTML 5Page - NXP Semiconductors P89C51RA2BA/01 Datasheet HTML 6Page - NXP Semiconductors P89C51RA2BA/01 Datasheet HTML 7Page - NXP Semiconductors P89C51RA2BA/01 Datasheet HTML 8Page - NXP Semiconductors P89C51RA2BA/01 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 68 page
background image
Philips Semiconductors
Preliminary data
P89C51RA2/RB2/RC2/RD2xx
80C51 8-bit Flash microcontroller family
8KB/16KB/32KB/64KB ISP/IAP Flash with 512B/512B/512B/1KB RAM
2
2002 Jul 18
DESCRIPTION
The P89C51RA2/RB2/RC2/RD2xx contains a non-volatile
8KB/16KB/32KB/64KB Flash program memory that is both parallel
programmable and serial In-System and In-Application
Programmable. In-System Programming (ISP) allows the user to
download new code while the microcontroller sits in the application.
In-Application Programming (IAP) means that the microcontroller
fetches new program code and reprograms itself while in the
system. This allows for remote programming over a modem link.
A default serial loader (boot loader) program in ROM allows serial
In-System programming of the Flash memory via the UART without
the need for a loader in the Flash code. For In-Application
Programming, the user program erases and reprograms the Flash
memory by use of standard routines contained in ROM.
The device supports 6-clock/12-clock mode selection by
programming a Flash bit using parallel programming or
In-System Programming. In addition, an SFR bit (X2) in the clock
control register (CKCON) also selects between 6-clock/12-clock
mode.
Additionally, when in 6-clock mode, peripherals may use either 6
clocks per machine cycle or 12 clocks per machine cycle. This
choice is available individually for each peripheral and is selected by
bits in the CKCON register.
This device is a Single-Chip 8-Bit Microcontroller manufactured in an
advanced CMOS process and is a derivative of the 80C51
microcontroller family. The instruction set is 100% compatible with
the 80C51 instruction set.
The device also has four 8-bit I/O ports, three 16-bit timer/event
counters, a multi-source, four-priority-level, nested interrupt structure,
an enhanced UART and on-chip oscillator and timing circuits.
The added features of the P89C51RA2/RB2/RC2/RD2xx make it a
powerful microcontroller for applications that require pulse width
modulation, high-speed I/O and up/down counting capabilities such
as motor control.
FEATURES
• 80C51 Central Processing Unit
• On-chip Flash Program Memory with In-System Programming
(ISP) and In-Application Programming (IAP) capability
• Boot ROM contains low level Flash programming routines for
downloading via the UART
• Can be programmed by the end-user application (IAP)
• Parallel programming with 87C51 compatible hardware interface
to programmer
• Supports 6-clock/12-clock mode via parallel programmer (default
clock mode after ChipErase is 12-clock)
• 6-clock/12-clock mode Flash bit erasable and programmable via
ISP
• 6-clock/12-clock mode programmable “on-the-fly” by SFR bit
• Peripherals (PCA, timers, UART) may use either 6-clock or
12-clock mode while the CPU is in 6-clock mode
• Speed up to 20 MHz with 6-clock cycles per machine cycle
(40 MHz equivalent performance); up to 33 MHz with 12 clocks
per machine cycle
• Fully static operation
• RAM expandable externally to 64 kbytes
• Four interrupt priority levels
• Seven interrupt sources
• Four 8-bit I/O ports
• Full-duplex enhanced UART
– Framing error detection
– Automatic address recognition
• Power control modes
– Clock can be stopped and resumed
– Idle mode
– Power down mode
• Programmable clock-out pin
• Second DPTR register
• Asynchronous port reset
• Low EMI (inhibit ALE)
• Programmable Counter Array (PCA)
– PWM
– Capture/compare



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com