Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P89C51RA2BA/01 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # P89C51RA2BA/01
Description  80C51 8-bit Flash microcontroller family
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89C51RA2BA/01 Datasheet(HTML) 3 Page - NXP Semiconductors

  P89C51RA2BA/01 Datasheet HTML 1Page - NXP Semiconductors P89C51RA2BA/01 Datasheet HTML 2Page - NXP Semiconductors P89C51RA2BA/01 Datasheet HTML 3Page - NXP Semiconductors P89C51RA2BA/01 Datasheet HTML 4Page - NXP Semiconductors P89C51RA2BA/01 Datasheet HTML 5Page - NXP Semiconductors P89C51RA2BA/01 Datasheet HTML 6Page - NXP Semiconductors P89C51RA2BA/01 Datasheet HTML 7Page - NXP Semiconductors P89C51RA2BA/01 Datasheet HTML 8Page - NXP Semiconductors P89C51RA2BA/01 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 68 page
background image
Philips Semiconductors
Preliminary data
P89C51RA2/RB2/RC2/RD2xx
80C51 8-bit Flash microcontroller family
8KB/16KB/32KB/64KB ISP/IAP Flash with 512B/512B/512B/1KB RAM
2002 Jul 18
3
SELECTION TABLE
Type
Memory
Timers
Serial
Interfaces
Max.
Freq.
at 6-clk
/ 12-clk
(MHz)
Freq.
Range
at
3V
(MHz)
Freq.
Range
at
5V
(MHz)
P89C51RD2xx
1K
–
–
64K
4
√
√
√
√
–
–
–
–
32
7(2)/4
√
12-clk
6-clk
H
20/33
–
0-20/33
P89C51RC2xx
512B
–
–
32K
4
√
√
√
√
–
–
–
–
32
7(2)/4
√
12-clk
6-clk
H
20/33
–
0-20/33
P89C51RB2xx
512B
–
–
16K
4
√
√
√
√
–
–
–
–
32
7(2)/4
√
12-clk
6-clk
H
20/33
–
0-20/33
P89C51RA2xx
512B
–
–
8K
4
√
√
√
√
–
–
–
–
32
7(2)/4
√
12-clk
6-clk
H
20/33
–
0-20/33
NOTE:
1. P89C51Rx2Hxx devices have a 6-clk default clock rate (12-clk optional). Please also see Device Comparison Table.
DEVICE COMPARISON TABLE
Item
1st generation of Rx2 devices
2nd generation of Rx2 devices
(this data sheet)
Difference
Type description
P89C51Rx2Hxx(x)
P89C51Rx2xx(x)
No more letter ‘H’
Programming algo-
rithm
When using a parallel programmer,
be sure to select
P89C51Rx2Hxx(x) devices
When using a parallel programmer, be
sure to select P89C51Rx2xx(x) de-
vices (no more letter ‘H’)
Different programming algorithm
due to process change
Clock mode (I)
6-clk default, OTP configuration bit
to program to 12-clk mode using
parallel programmer (cannot be
programmed back to 6-clk)
12-clk default, Flash configuration bit
to program to 6-clk mode using paral-
lel programmer or ISP (can be repro-
grammed)
More flexibility for the end user,
more compatibility to older
P89C51Rx+ parts
Clock mode (II)
N/A
6-clock/12-clock mode programmable
“on the fly” by SFR bit X2 (CKCON.0)
Clock mode can be changed by
software
Peripheral clock
modes
N/A
Peripherals can be run in 12-clk mode
while CPU runs in 6-clk mode
More flexibility, lower power con-
sumption
Flash block structure
Two 8-Kbyte blocks
1–3 16-Kbyte blocks
2–16 4-Kbyte blocks
More flexibility
ORDERING INFORMATION
PART ORDER
MEMORY
TEMPERATURE
VOLTAGE
FREQUENCY (MHz)
PART ORDER
NUMBER1
FLASH
RAM
RANGE (
°C)
AND PACKAGE
VOLTAGE
RANGE
6-CLOCK
MODE
12-CLOCK
MODE
DWG #
1.
P89C51RA2BA/01
8 KB
512 B
0 to +70, PLCC
4.5–5.5 V
0 to 20 MHz
0 to 33 MHz
SOT187-2
2.
P89C51RA2BBD/01
8 KB
512 B
0 to +70, LQFP
4.5–5.5 V
0 to 20 MHz
0 to 33 MHz
SOT389-1
3.
P89C51RB2BA/01
16 KB
512 B
0 to +70, PLCC
4.5–5.5 V
0 to 20 MHz
0 to 33 MHz
SOT187-2
4.
P89C51RB2BBD/01
16 KB
512 B
0 to +70, LQFP
4.5–5.5 V
0 to 20 MHz
0 to 33 MHz
SOT389-1
5.
P89C51RC2BN/01
32 KB
512 B
0 to +70, PDIP
4.5–5.5 V
0 to 20 MHz
0 to 33 MHz
SOT129-1
6.
P89C51RC2BA/01
32 KB
512 B
0 to +70, PLCC
4.5–5.5 V
0 to 20 MHz
0 to 33 MHz
SOT187-2
7.
P89C51RC2FA/01
32 KB
512 B
–40 to +85, PLCC
4.5–5.5 V
0 to 20 MHz
0 to 33 MHz
SOT187-2
8.
P89C51RC2BBD/01
32 KB
512 B
0 to +70, LQFP
4.5–5.5 V
0 to 20 MHz
0 to 33 MHz
SOT389-1
9.
P89C51RC2FBD/01
32 KB
512 B
–40 to +85, LQFP
4.5–5.5 V
0 to 20 MHz
0 to 33 MHz
SOT389-1
10.
P89C51RD2BN/01
64 KB
1024 B
0 to +70, PDIP
4.5–5.5 V
0 to 20 MHz
0 to 33 MHz
SOT129-1
11.
P89C51RD2BA/01
64 KB
1024 B
0 to +70, PLCC
4.5–5.5 V
0 to 20 MHz
0 to 33 MHz
SOT187-2
12.
P89C51RD2BBD/01
64 KB
1024 B
0 to +70, LQFP
4.5–5.5 V
0 to 20 MHz
0 to 33 MHz
SOT389-1
13.
P89C51RD2FA/01
64 KB
1024 B
–40 to +85, PLCC
4.5–5.5 V
0 to 20 MHz
0 to 33 MHz
SOT187-2
NOTE:
1. The Part Marking will not include the “/01”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com