Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320C2811 Datasheet(PDF) 4 Page - Texas Instruments

Part # TMS320C2811
Description  DIGITAL SIGNAL PROCESSORS
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C2811 Datasheet(HTML) 4 Page - Texas Instruments

  TMS320C2811 Datasheet HTML 1Page - Texas Instruments TMS320C2811 Datasheet HTML 2Page - Texas Instruments TMS320C2811 Datasheet HTML 3Page - Texas Instruments TMS320C2811 Datasheet HTML 4Page - Texas Instruments TMS320C2811 Datasheet HTML 5Page - Texas Instruments TMS320C2811 Datasheet HTML 6Page - Texas Instruments TMS320C2811 Datasheet HTML 7Page - Texas Instruments TMS320C2811 Datasheet HTML 8Page - Texas Instruments TMS320C2811 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 103 page
background image
TMS320F2810, TMS320F2812
DIGITAL SIGNAL PROCESSORS
SPRS174B – APRIL 2001 – REVISED SEPTEMBER 2001
4
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
functional block diagram
M0 SARAM
1K x 16
CPU-TIMER 0
CPU-TIMER 1
INT[12:1]
CLKIN
Real-Time JTAG
CPU-TIMER 2
Peripheral
Bus
C28x CPU
H0 SARAM
8K
× 16
L0 SARAM
4K x 16
INT14
NMI
INT13
Memory Bus
M1 SARAM
1K x 16
Flash
128K x 16 (F2812)
64K x 16 (F2810)
Boot ROM
4K
× 16
eCAN
SCIA/SCIB
12-Bit ADC
External Interrupt
Control
(XINT1/2/13, XNMI)
EVA/EVB
Memory Bus
OTP
2K x 16
McBSP
System Control
(Oscillator and PLL
+
Peripheral Clocking
+
Low-Power
Modes
+
WatchDog)
FIFO
FIFO
PIE
(96 interrupts)†
RS
SPI
FIFO
TINT0
TINT1
TINT2
Control
Address(19)
Data(16)
External
Interface
(XINTF)‡
16 Channels
† 45 of the possible 96 interrupts are used on F2810/F2812.
‡ XINTF is not available on the F2810.
GPIO Pins
XRS
X1/XCLKIN
X2
XPPLDIS
Protected by the Code Security Module.
XINT13
G
P
I
O
M
U
X
L1 SARAM
4K x 16
XNMI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com