Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320C2811 Datasheet(PDF) 3 Page - Texas Instruments

Part # TMS320C2811
Description  DIGITAL SIGNAL PROCESSORS
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C2811 Datasheet(HTML) 3 Page - Texas Instruments

  TMS320C2811 Datasheet HTML 1Page - Texas Instruments TMS320C2811 Datasheet HTML 2Page - Texas Instruments TMS320C2811 Datasheet HTML 3Page - Texas Instruments TMS320C2811 Datasheet HTML 4Page - Texas Instruments TMS320C2811 Datasheet HTML 5Page - Texas Instruments TMS320C2811 Datasheet HTML 6Page - Texas Instruments TMS320C2811 Datasheet HTML 7Page - Texas Instruments TMS320C2811 Datasheet HTML 8Page - Texas Instruments TMS320C2811 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 103 page
background image
TMS320F2810, TMS320F2812
DIGITAL SIGNAL PROCESSORS
SPRS174B – APRIL 2001 – REVISED SEPTEMBER 2001
3
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
device summary
Note that throughout this data sheet, F2810 is used to denote TMS320F2810; F2812 is used to denote
TMS320F2812; and F28x is used to denote F2810 and F2812.
Table 1. Hardware Features of the F2810 and F2812 Devices
FEATURE
F2810
F2812
Instruction Cycle (at 150 MHz)
6.67 ns
6.67 ns
Single-Access RAM (SARAM) (16-bit word)
18K
18K
3.3-V On-Chip Flash (16-bit word)
64K
128K
Code Security for On-Chip Flash/SARAM
Yes
Yes
Boot ROM
Yes
Yes
OTP ROM
Yes
Yes
External Memory Interface
—
Yes
Event Managers A and B (EVA and EVB)
EVA, EVB
EVA, EVB
S
General-Purpose (GP) Timers
4
4
S
Compare (CMP)/PWM
16
16
S
Capture (CAP)/QEP Channels
6/2
6/2
Watchdog Timer
Yes
Yes
12-Bit ADC
Yes
Yes
S
Channels
16
16
32-bit CPU Timers
3
3
SPI
Yes
Yes
SCIA, SCIB
SCIA, SCIB
SCIA, SCIB
CAN
Yes
Yes
McBSP
Yes
Yes
Digital I/O Pins (Shared)
56
56
External Interrupts
3
3
Supply Voltage
1.8-V Core, 3.3-V I/O
1.8-V Core, 3.3-V I/O
Packaging
128-pin PBK
179-pin GHH
176-pin PGF
Product Status:
Product Preview (PP)
Advance Information (AI)
Production Data (PD)
PP
PP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com