Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320C2811 Datasheet(PDF) 67 Page - Texas Instruments

Part # TMS320C2811
Description  DIGITAL SIGNAL PROCESSORS
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C2811 Datasheet(HTML) 67 Page - Texas Instruments

Back Button TMS320C2811 Datasheet HTML 63Page - Texas Instruments TMS320C2811 Datasheet HTML 64Page - Texas Instruments TMS320C2811 Datasheet HTML 65Page - Texas Instruments TMS320C2811 Datasheet HTML 66Page - Texas Instruments TMS320C2811 Datasheet HTML 67Page - Texas Instruments TMS320C2811 Datasheet HTML 68Page - Texas Instruments TMS320C2811 Datasheet HTML 69Page - Texas Instruments TMS320C2811 Datasheet HTML 70Page - Texas Instruments TMS320C2811 Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 103 page
background image
TMS320F2810, TMS320F2812
DIGITAL SIGNAL PROCESSORS
SPRS174B – APRIL 2001 – REVISED SEPTEMBER 2001
67
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
enhanced analog-to-digital converter (ADC) module
A simplified functional block diagram of the ADC module is shown in Figure 15. The ADC module consists of
a 12-bit ADC with a built-in sample-and-hold (S / H) circuit. Functions of the ADC module include:
D 12-bit ADC core with built-in S/H
D Analog input: 0 V to 2.5 V
D Fast conversion time:
–
Single conversion time: 200 ns
–
Pipelined conversion time: 60 ns
D 16-channel, muxed inputs
D Autosequencing capability provides up to 16 “autoconversions” in a single session. Each conversion can
be programmed to select any 1 of 16 input channels
D Sequencer can be operated as two independent 8-state sequencers or as one large 16-state sequencer
(i.e., two cascaded 8-state sequencers)
D Sixteen result registers (individually addressable) to store conversion values
–
The digital value of the input analog voltage is derived by:
Digital Value
+ 4095
Input Analog Voltage
* ADCLO
2.5
D Multiple triggers as sources for the start-of-conversion (SOC) sequence
–
S/W – software immediate start
–
EVA – Event manager A (multiple event sources within EVA)
–
EVB – Event manager B (multiple event sources within EVB)
D Flexible interrupt control allows interrupt request on every end-of-sequence (EOS) or every other EOS
D Sequencer can operate in “start/stop” mode, allowing multiple “time-sequenced triggers” to synchronize
conversions
D EVA and EVB triggers can operate independently in dual-sequencer mode
D Sample-and-hold (S/H) acquisition time window has separate prescale control
D Calibration mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com