Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY7C68013-56PVC Datasheet(PDF) 39 Page - Cypress Semiconductor

Part # CY7C68013-56PVC
Description  EZ-USB FX2 USB Microcontroller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C68013-56PVC Datasheet(HTML) 39 Page - Cypress Semiconductor

Back Button CY7C68013-56PVC Datasheet HTML 35Page - Cypress Semiconductor CY7C68013-56PVC Datasheet HTML 36Page - Cypress Semiconductor CY7C68013-56PVC Datasheet HTML 37Page - Cypress Semiconductor CY7C68013-56PVC Datasheet HTML 38Page - Cypress Semiconductor CY7C68013-56PVC Datasheet HTML 39Page - Cypress Semiconductor CY7C68013-56PVC Datasheet HTML 40Page - Cypress Semiconductor CY7C68013-56PVC Datasheet HTML 41Page - Cypress Semiconductor CY7C68013-56PVC Datasheet HTML 42Page - Cypress Semiconductor CY7C68013-56PVC Datasheet HTML 43Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
CY7C68013
Document #: 38-08012 Rev. *E
Page 39 of 48
9.14
Slave FIFO Synchronous Address
9.15
Slave FIFO Asynchronous Address
Table 9-16. Slave FIFO Synchronous Address Parameters [15]
Parameter
Description
Min.
Max.
Unit
tIFCLK
Interface Clock Period
20.83
200
ns
tSFA
FIFOADR[1:0] to Clock Set-up Time
25
ns
tFAH
Clock to FIFOADR[1:0] Hold Time
10
ns
IFCLK
SLCS/FIFOADR [1:0]
tSFA
tFAH
Figure 9-14. Slave FIFO Synchronous Address Timing Diagram
Table 9-17. Slave FIFO Asynchronous Address Parameters[16]
Parameter
Description
Min.
Max.
Unit
tSFA
FIFOADR[1:0] to RD/WR/PKTEND Set-up Time
10
ns
tFAH
SLRD/PKTEND to FIFOADR[1:0] Hold Time
20
ns
tFAH
SLWR/PKTEND to FIFOADR[1:0] Hold Time
70
ns
SLRD/SLWR/PKTEND
SLCS/FIFOADR [1:0]
tSFA
tFAH
Figure 9-15. Slave FIFO Asynchronous Address Timing Diagram[13]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com