Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY7C68013-56PVC Datasheet(PDF) 31 Page - Cypress Semiconductor

Part # CY7C68013-56PVC
Description  EZ-USB FX2 USB Microcontroller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C68013-56PVC Datasheet(HTML) 31 Page - Cypress Semiconductor

Back Button CY7C68013-56PVC Datasheet HTML 27Page - Cypress Semiconductor CY7C68013-56PVC Datasheet HTML 28Page - Cypress Semiconductor CY7C68013-56PVC Datasheet HTML 29Page - Cypress Semiconductor CY7C68013-56PVC Datasheet HTML 30Page - Cypress Semiconductor CY7C68013-56PVC Datasheet HTML 31Page - Cypress Semiconductor CY7C68013-56PVC Datasheet HTML 32Page - Cypress Semiconductor CY7C68013-56PVC Datasheet HTML 33Page - Cypress Semiconductor CY7C68013-56PVC Datasheet HTML 34Page - Cypress Semiconductor CY7C68013-56PVC Datasheet HTML 35Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 48 page
background image
CY7C68013
Document #: 38-08012 Rev. *E
Page 31 of 48
9.3
Data Memory Read
data in
tCL
A[15..0]
tAV
tAV
RD#
tSTBL
tSTBH
tDH
D[7..0]
data in
tACC1
[12]
tDSU
Stretch = 0
Stretch = 1
tCL
A[15..0]
tAV
RD#
tDH
D[7..0]
tACC1
[12]
tDSU
CS#
CS#
tSCSL
OE#
tSOEL
Figure 9-2. Data Memory Read Timing Diagram
CLKOUT[10]
CLKOUT[10]
Parameter
Description
Min.
Typ.
Max.
Unit
Notes
tCL
1/CLKOUT Frequency
20.83
ns
48 MHz
41.66
ns
24 MHz
83.2
ns
12 MHz
tAV
Delay from Clock to Valid Address
10.7
ns
tSTBL
Clock to RD LOW
11
ns
tSTBH
Clock to RD HIGH
11
ns
tSCSL
Clock to CS LOW
13
ns
tSOEL
Clock to OE LOW
11.1
ns
tDSU
Data Set-up to Clock
9.6
ns
tDH
Data Hold Time
0
ns
Note:
12. tACC2 and tACC3 are computed from the above parameters as follows:
tACC2(24 MHz) = 3*tCL – tAV –tDSU = 106 ns
tACC2(48 MHz) = 3*tCL – tAV – tDSU = 43 ns
tACC3(24 MHz) = 5*tCL – tAV –tDSU = 190 ns
tACC3(48 MHz) = 5*tCL – tAV – tDSU = 86 ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com