Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

COP8SCR9IMT7 Datasheet(PDF) 31 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8SCR9IMT7
Description  8-Bit CMOS Flash Based Microcontroller with 32k Memory, Virtual EEPROM and Brownout
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8SCR9IMT7 Datasheet(HTML) 31 Page - National Semiconductor (TI)

Back Button COP8SCR9IMT7 Datasheet HTML 27Page - National Semiconductor (TI) COP8SCR9IMT7 Datasheet HTML 28Page - National Semiconductor (TI) COP8SCR9IMT7 Datasheet HTML 29Page - National Semiconductor (TI) COP8SCR9IMT7 Datasheet HTML 30Page - National Semiconductor (TI) COP8SCR9IMT7 Datasheet HTML 31Page - National Semiconductor (TI) COP8SCR9IMT7 Datasheet HTML 32Page - National Semiconductor (TI) COP8SCR9IMT7 Datasheet HTML 33Page - National Semiconductor (TI) COP8SCR9IMT7 Datasheet HTML 34Page - National Semiconductor (TI) COP8SCR9IMT7 Datasheet HTML 35Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 80 page
background image
11.0 In-System Programming
(Continued)
•
Copy a block of data from RAM into flash program
memory.
•
Copy a block of data from program flash memory to RAM.
The following table lists the User ISP/Virtual E
2 commands,
required parameters and return data, if applicable. The com-
mand entry point is used as an argument to the JSRB
instruction. Table 12 lists the Ram locations and Peripheral
Registers, used for User ISP and Virtual E
2, and their ex-
pected contents. Please refer to the COP8 FLASH ISP User
Manual for additional information and programming ex-
amples on the use of User ISP and Virtual E
2.
TABLE 11. User ISP/Virtual E
2 Entry Points
Command/
Label
Function
Command
Entry Point
Parameters
Return Data
cpgerase
Page Erase
0x17
Register ISPADHI is loaded by the user
with the high byte of the address.
Register ISPADLO is loaded by the
user with the low byte of the address.
N/A (A page of memory beginning at
ISPADHI, ISPADLO will be erased)
cmserase
Mass Erase
0x1A
Accumulator A contains the
confirmation key 0x55.
N/A (The entire Flash Memory will be
erased)
creadbf
Read Byte
0x11
Register ISPADHI is loaded by the user
with the high byte of the address.
Register ISPADLO is loaded by the
user with the low byte of the address.
Data Byte in Register ISPRD.
cblockr
Block Read
0x26
Register ISPADHI is loaded by the user
with the high byte of the address.
Register ISPADLO is loaded by the
user with the low byte of the address.
X pointer contains the beginning RAM
address where the result(s) will be
returned.
Register BYTECOUNTLO contains the
number of n bytes to read
(0
≤ n ≤ 255). It is up to the user to
setup the segment register.
n Data Bytes, Data will be returned
beginning at a location pointed to by
the RAM address in X.
cwritebf
Write Byte
0x14
Register ISPADHI is loaded by the user
with the high byte of the address.
Register ISPADLO is loaded by the
user with the low byte of the address.
Register ISPWR contains the Data
Byte to be written.
N/A
cblockw
Block Write
0x23
Register ISPADHI is loaded by the user
with the high byte of the address.
Register ISPADLO is loaded by the
user with the low byte of the address.
Register BYTECOUNTLO contains the
number of n bytes to write (0
≤ n ≤ 16).
The combination of the
BYTECOUNTLO and the ISPADLO
registers must be set such that the
operation will not cross a 64 byte
boundary.
X pointer contains the beginning RAM
address of the data to be written.
It is up to the user to setup the
segment register.
N/A
exit
EXIT
0x62
N/A
N/A (Device will Reset)
www.national.com
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com