Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

COP8SCR9IMT7 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8SCR9IMT7
Description  8-Bit CMOS Flash Based Microcontroller with 32k Memory, Virtual EEPROM and Brownout
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8SCR9IMT7 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button COP8SCR9IMT7 Datasheet HTML 12Page - National Semiconductor (TI) COP8SCR9IMT7 Datasheet HTML 13Page - National Semiconductor (TI) COP8SCR9IMT7 Datasheet HTML 14Page - National Semiconductor (TI) COP8SCR9IMT7 Datasheet HTML 15Page - National Semiconductor (TI) COP8SCR9IMT7 Datasheet HTML 16Page - National Semiconductor (TI) COP8SCR9IMT7 Datasheet HTML 17Page - National Semiconductor (TI) COP8SCR9IMT7 Datasheet HTML 18Page - National Semiconductor (TI) COP8SCR9IMT7 Datasheet HTML 19Page - National Semiconductor (TI) COP8SCR9IMT7 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 80 page
background image
8.0 Electrical Characteristics (Continued)
AC Electrical Characteristics (−40˚C
≤ T
A ≤ +125˚C) (Continued)
Datasheet min/max specification limits are guaranteed by design, test, or statistical analysis.
Parameter
Conditions
Min
Typ
Max
Units
Interrupt Input Low Time
1
t
C
Timer 1 Input High Time
1
t
C
Timer 1 Input Low Time
1
t
C
Timer 2, 3 Input High Time (Note 6)
1
MCLK or t
C
Timer 2, 3 Input Low Time (Note 6)
1
MCLK or t
C
Output Pulse Width
Timer 2, 3 Output High Time
150
ns
Timer 2, 3 Output Low Time
150
ns
USART Bit Time when using External
CKX
6 CKI
periods
USART CKX Frequency when being
Driven by Internal Baud Rate Generator
2
MHz
Reset Pulse Width
0.5
t
C
tC = instruction cycle time.
Note 9: Maximum rate of voltage change must be < 0.5 V/ms.
Note 10: Supply and IDLE currents are measured with CKI driven with a square wave Oscillator, CKO driven 180˚ out of phase with CKI, inputs connected to VCC
and outputs driven low but not connected to a load.
Note 11: The HALT mode will stop CKI from oscillating. Measurement of IDD HALT is done with device neither sourcing nor sinking current; with L. A. B, C, E, F,
G0, and G2–G5 programmed as low outputs and not driving a load; all D outputs programmed low and not driving a load; all inputs tied to VCC; A/D converter and
clock monitor and BOR disabled. Parameter refers to HALT mode entered via setting bit 7 of the G Port data register.
Note 12: Pins G6 and RESET are designed with a high voltage input network. These pins allow input voltages > VCC and the pins will have sink current to VCC
when biased at voltages > VCC (the pins do not have source current when biased at a voltage below VCC). These two pins will not latch up. The voltage at the pins
must be limited to < (VCC +7V. WARNING: Voltages in excess of 14V will cause damage to the pins. This warning excludes ESD transients.
Note 13: If timer is in high speed mode, the minimum time is 1 MCLK. If timer is not in high speed mode, the minimum time is 1 tC.
Note 14: Absolute Maximum Ratings should not be exceeded.
Note 15: Vcc must be valid and stable before G6 is raised to a high voltage.
10138905
FIGURE 1. MICROWIRE/PLUS Timing
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com