Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

COP8SCR9IMT7 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8SCR9IMT7
Description  8-Bit CMOS Flash Based Microcontroller with 32k Memory, Virtual EEPROM and Brownout
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8SCR9IMT7 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button COP8SCR9IMT7 Datasheet HTML 11Page - National Semiconductor (TI) COP8SCR9IMT7 Datasheet HTML 12Page - National Semiconductor (TI) COP8SCR9IMT7 Datasheet HTML 13Page - National Semiconductor (TI) COP8SCR9IMT7 Datasheet HTML 14Page - National Semiconductor (TI) COP8SCR9IMT7 Datasheet HTML 15Page - National Semiconductor (TI) COP8SCR9IMT7 Datasheet HTML 16Page - National Semiconductor (TI) COP8SCR9IMT7 Datasheet HTML 17Page - National Semiconductor (TI) COP8SCR9IMT7 Datasheet HTML 18Page - National Semiconductor (TI) COP8SCR9IMT7 Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 80 page
background image
8.0 Electrical Characteristics (Continued)
DC Electrical Characteristics (−40˚C
≤ T
A ≤ +125˚C) (Continued)
Datasheet min/max specification limits are guaranteed by design, test, or statistical analysis.
Parameter
Conditions
Min
Typ
Max
Units
Dual Clock Mode
CKI = 10 MHz, Low Speed OSC = 32 kHz
V
CC = 5.5V, tC = 0.5 µs
2.7
mA
Low Speed Mode
Low Speed OSC = 32 kHz
V
CC = 5.5V
30
70
µA
Supply Current for BOR Feature
V
CC = 5.5V
45
µA
High Brownout Trip Level (BOR Enabled)
4.17
4.28
4.5
V
Input Levels (V
IH,VIL)
Logic High
0.8 V
CC
V
Logic Low
0.16 V
CC
V
Internal Bias Resistor for the CKI
Crystal/Resonator Oscillator
0.3
1.0
2.5
M
Ω
Hi-Z Input Leakage
V
CC = 5.5V
−3
+3
µA
Input Pullup Current
V
CC = 5.5V, VIN = 0V
−40
−250
µA
Port Input Hysteresis
0.25 V
CC
V
Output Current Levels
D Outputs
Source
V
CC = 4.5V, VOH = 3.8V
−6.3
mA
Sink (Note 7)
V
CC = 4.5V, VOL = 1.0V
9
mA
All Others
Source (Weak Pull-Up Mode)
V
CC = 4.5V, VOH = 3.8V
−9
µA
Source (Push-Pull Mode)
V
CC = 4.5V, VOH = 3.8V
−6.3
mA
Sink (Push-Pull Mode) (Note 7)
V
CC = 4.5V, VOL = 1.0V
9
mA
TRI-STATE Leakage
V
CC = 5.5V
−3
+3
µA
Allowable Sink Current per Pin
1mA
Maximum Input Current without Latchup (Note 5)
±200
mA
RAM Retention Voltage, V
R (in HALT Mode)
2.0
V
Input Capacitance
7pF
Load Capacitance on D2
1000
pF
Voltage on G6 to Force Execution from Boot
ROM(Note *NO TARGET FOR FNXref NS20196*)
G6 rise time must be slower than
100 ns
2xV
CC
V
CC +7
V
G6 Rise Time to Force Execution from Boot ROM
100
nS
Input Current on G6 when Input > V
CC
V
IN = 11V, VCC = 5.5V
500
µA
AC Electrical Characteristics (−40˚C
≤ T
A ≤ +125˚C)
Datasheet min/max specification limits are guaranteed by design, test, or statistical analysis.
Parameter
Conditions
Min
Typ
Max
Units
Instruction Cycle Time (t
C)
Crystal/Resonator
4.5V
≤ V
CC
≤ 5.5V
0.5
DC
µs
Output Propagation Delay
R
L =2.2k, CL = 100 pF
Frequency of MICROWIRE/PLUS in
Slave Mode
2
MHz
MICROWIRE/PLUS Setup Time (t
UWS)20
ns
MICROWIRE/PLUS Hold Time (t
UWH)20
ns
MICROWIRE/PLUS Output Propagation
Delay (t
UPD)
150
ns
Input Pulse Width
Interrupt Input High Time
1
t
C
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com