Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TUSB3410 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB3410
Description  USB TO SERIAL PORT CONTROLLER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB3410 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TUSB3410 Datasheet HTML 13Page - Texas Instruments TUSB3410 Datasheet HTML 14Page - Texas Instruments TUSB3410 Datasheet HTML 15Page - Texas Instruments TUSB3410 Datasheet HTML 16Page - Texas Instruments TUSB3410 Datasheet HTML 17Page - Texas Instruments TUSB3410 Datasheet HTML 18Page - Texas Instruments TUSB3410 Datasheet HTML 19Page - Texas Instruments TUSB3410 Datasheet HTML 20Page - Texas Instruments TUSB3410 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 92 page
background image
3–1
3 Detailed Controller Description
3.1
Operating Modes
The TUSB3410 controls its USB interface in response to USB commands, and this action remains the same
independent of the serial port mode selected. On the other hand, the serial port can be set up in three modes.
As with any interface device, data movement is the TUSB3410’s main function, but typically the initial configuration
and error handling consume most of the support code. The following sections describe the various modes the device
can be used in and the means of setting up the device.
3.2
USB Interface Configuration
The TUSB3410 contains onboard ROM microcode, which enables the MCU to enumerate the device as a USB
peripheral. The ROM microcode can also load application code into internal RAM from either external memory via
the I2C bus or from the host via the USB.
3.2.1
External Memory Case
After reset, the TUSB3410 is disconnected from the USB because the pullup resistor CONT bit is cleared. The
TUSB3410 checks the I2C port for the existence of valid code, if it finds valid code, it uploads the code from the
external memory device into the RAM program space. Once loaded, the TUSB3410 connects to the USB by setting
the CONT bit and enumeration and configuration are performed. This is the most likely use of the device.
3.2.2
Host Download Case
If the valid code is not found at the I2C port, the TUSB3410 connects to the USB by setting the CONT bit, and then
an enumeration and default configuration are performed. The host can then download additional microcode into RAM
to tailor the application. Then, the MCU causes a disconnect and reconnect by using the pullup resistor CONT bit
in the USBCTL register, which causes the TUSB3410 to be re-enumerated with a new configuration.
3.3
USB Data Movement
From the USB perspective, the TUSB3410 looks like a USB peripheral device. It uses endpoint 0 as its control
endpoint, as do all USB peripherals. It also configures up to three input and three output endpoints, although most
applications use one bulk input endpoint for data in, one bulk output endpoint for data out, and one interrupt endpoint
for status updates. The USB configuration likely remains the same regardless of the serial port configuration.
Most data is moved from the USB side to the UART side and vice versa using on-chip DMA transfers. Some special
cases may use programmed IO under control of the MCU.
3.4
Serial Port Setup
The serial port requires a few control registers to be written to configure its operation. This configuration likely remains
the same regardless of the data mode used. These registers include the line control register that controls the serial
word format and the divisor registers that control the baud rate.
These registers are usually controlled by the host application.
3.5
Serial Port Data Modes
The serial port can be configured in three different, although similar, data modes. Similar to the USB mode, once
configured for a specific application, it is unlikely that the mode would be changed. The different modes affect the
timing of the serial input and output or the use of the control signals. However, the basic serial-to-parallel conversion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com