Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP320F2811PBKA Datasheet(PDF) 142 Page - Texas Instruments

Part # TMP320F2811PBKA
Description  TMS320R2811, TMS320R2812 Digital Signal Processors
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320F2811PBKA Datasheet(HTML) 142 Page - Texas Instruments

Back Button TMP320F2811PBKA Datasheet HTML 138Page - Texas Instruments TMP320F2811PBKA Datasheet HTML 139Page - Texas Instruments TMP320F2811PBKA Datasheet HTML 140Page - Texas Instruments TMP320F2811PBKA Datasheet HTML 141Page - Texas Instruments TMP320F2811PBKA Datasheet HTML 142Page - Texas Instruments TMP320F2811PBKA Datasheet HTML 143Page - Texas Instruments TMP320F2811PBKA Datasheet HTML 144Page - Texas Instruments TMP320F2811PBKA Datasheet HTML 145Page - Texas Instruments TMP320F2811PBKA Datasheet HTML 146Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 147 page
background image
Electrical Specifications
142
June 2004
SPRS257
7
Migration From F281x Devices
Table 6−53 shows the differences between F281x and R281x features. F281x stands for TMS320F2810,
TMS320F2811, and TMS320F2812 devices. R281x stands for TMS320R2811 and TMS320R2812 devices.
Table 6−53. Feature Comparison Between F281x and R281x Devices
FEATURES
R2811
F2811
R2812
F2812
R281X MIGRATION CONSIDERATIONS
Instruction Cycle (at 150 MHz)
6.67 ns
6.67 ns
6.67 ns
6.67 ns
R281x SARAM execution is single cycle,
zero−wait-state at 150 MHz.
Single−Access RAM (SARAM)
(16−bit word)
20K
18K
20K
18K
Additional 2K words of SARAM −L2/L3
blocks −See section 3.2.7.
Code Security feature
Disabled
Selectable
Disabled
Selectable
Code secuirty in R281x affects L0/L1
SARAM. However, CSM password
locations are preset as 0xFFFF to facilitate
easy unsecuring. See Section 3.2.9.
On−chip Non−Voltaile memory
No
Yes
No
Yes
F281x Flash/OTP space are reserved in
R281x devices.
Boot ROM
Yes
Yes
Yes
Yes
Same Boot ROM code as F281x devices.
Flash/OTP Boot ROM
No
Yes
No
Yes
Not available on R281x
SPI−EEPROM Boot
Yes
Yes
Yes
Yes
H0 SARAM Boot
Yes
Yes
Yes
Yes
SCI, Parallel I/O Boot
Yes
Yes
Yes
Yes
External Memory Interface
No
No
Yes
Yes
Event Managers A and B
(EVA and EVB)
EVA, EVB
EVA, EVB
EVA, EVB
EVA, EVB
General−Purpose (GP) Timers
4
4
4
4
Compare (CMP)/PWM
16
16
16
16
Capture (CAP)/QEP Channels
6/2
6/2
6/2
6/2
Watchdog Timer
Yes
Yes
Yes
Yes
12−Bit ADC
Yes
Yes
Yes
Yes
Internal reference trimmed for gain
accuracy. Supports external reference
mode as in F281x devices. See Section 4.3.
Channels
16
16
16
16
32−Bit CPU Timers
3
3
3
3
SPI
Yes
Yes
Yes
Yes
SCIA, SCIB
SCIA, SCIB
SCIA, SCIB
SCIA, SCIB
SCIA, SCIB
CAN
Yes
Yes
Yes
Yes
McBSP
Yes
Yes
Yes
Yes
Digital I/O Pins (Shared)
56
56
56
56
External Interrupts
3
3
3
3
Supply Voltage − 1.9 V, 3.3 V,
(5%)
150 MHz
150 MHz
150 MHz
150 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com