Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP320F2811PBKA Datasheet(PDF) 143 Page - Texas Instruments

Part # TMP320F2811PBKA
Description  TMS320R2811, TMS320R2812 Digital Signal Processors
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320F2811PBKA Datasheet(HTML) 143 Page - Texas Instruments

Back Button TMP320F2811PBKA Datasheet HTML 139Page - Texas Instruments TMP320F2811PBKA Datasheet HTML 140Page - Texas Instruments TMP320F2811PBKA Datasheet HTML 141Page - Texas Instruments TMP320F2811PBKA Datasheet HTML 142Page - Texas Instruments TMP320F2811PBKA Datasheet HTML 143Page - Texas Instruments TMP320F2811PBKA Datasheet HTML 144Page - Texas Instruments TMP320F2811PBKA Datasheet HTML 145Page - Texas Instruments TMP320F2811PBKA Datasheet HTML 146Page - Texas Instruments TMP320F2811PBKA Datasheet HTML 147Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 143 / 147 page
background image
Electrical Specifications
143
June 2004
SPRS257
Table 6−53. Feature Comparison Between F281x and R281x Devices (Continued)
R281X MIGRATION CONSIDERATIONS
R2812
F2812
FEATURES
F2811
R2811
Supply Voltage − 1.8 V, 3.3 V,
(5%)
135 MHz
135 MHz
135 MHz
135 MHz
Power sequencing
Optional
Required
Optional
Required
Power sequencing is optional in R281x
devices. See Section 6.7.
Packaging
128−pin
128−pin
179−ball/
176−pin
179−ball/
176−pin
PBK
PBK
GHH, ZHH,
PGF
GHH, ZHH,
PGF
Lead−free options in all packages
Temperature Options
A: −40°C to 85°C
Yes
Yes
Yes
Yes
S/Q: −40°C to 125°C
Yes
Yes
Yes
Yes
Product Status
TMX
TMS
TMX
TMS
Reference Guides
F281x
version
F281x
version
F281x
version
F281x
version
See the F281x −CPU and peripheral
reference guides listed in Section 5.2 and in
the TMS320F28x Peripherals Reference
Guide
(literature number SPRU566).
Code Development
CCS
2.2x or
above
2.2x or
above
2.2x or
above
2.2x or
above
eZdsp
USB version
XDS510PP+
Emulators
All versions
All versions
All versions
All versions
XDS510/XDS510PP+, XDS510USB or
other compatible emulators
C281x C/C++ Header Files
and Peripheral Examples
(literature number SPRC097)
Rev.1.0
Rev.1.0
Rev.1.0
Rev.1.0
Use DSP281x C/C++−header files rev 1.0
or later. Disable or remove sections that are
not applicable to R281x, such as Flash and
OTP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com