Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP320F2811ZHHS Datasheet(PDF) 31 Page - Texas Instruments

Part # TMP320F2811ZHHS
Description  TMS320R2811, TMS320R2812 Digital Signal Processors
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320F2811ZHHS Datasheet(HTML) 31 Page - Texas Instruments

Back Button TMP320F2811ZHHS Datasheet HTML 27Page - Texas Instruments TMP320F2811ZHHS Datasheet HTML 28Page - Texas Instruments TMP320F2811ZHHS Datasheet HTML 29Page - Texas Instruments TMP320F2811ZHHS Datasheet HTML 30Page - Texas Instruments TMP320F2811ZHHS Datasheet HTML 31Page - Texas Instruments TMP320F2811ZHHS Datasheet HTML 32Page - Texas Instruments TMP320F2811ZHHS Datasheet HTML 33Page - Texas Instruments TMP320F2811ZHHS Datasheet HTML 34Page - Texas Instruments TMP320F2811ZHHS Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 147 page
background image
Functional Overview
31
June 2004
SPRS257
Table 3−1. Wait States
AREA
WAIT-STATES
COMMENTS
M0 and M1 SARAMs
0-wait
Fixed
Peripheral Frame 0
0-wait
Fixed
Peripheral Frame 1
0-wait (writes)
2-wait (reads)
Fixed
Peripheral Frame 2
0-wait (writes)
2-wait (reads)
Fixed
L0, L1, L2, and L3 SARAMs
0-wait
H0 SARAM
0-wait
Fixed
Boot-ROM
1-wait
Fixed
XINTF
Programmable,
1-wait minimum
Programmed via the XINTF registers.
Cycles can be extended by external memory or peripheral.
0-wait operation is not possible.
3.2
Brief Descriptions
3.2.1
C28x CPU
The C28x DSP generation is the newest member of the TMS320C2000 DSP platform. The C28x is source
code compatible to the 24x/240x DSP devices, hence existing 240x users can leverage their significant
software investment. Additionally, the C28x is a very efficient C/C++ engine, hence enabling users to develop
not only their system control software in a high-level language, but also enables math algorithms to be
developed using C/C++. The C28x is as efficient in DSP math tasks as it is in system control tasks that typically
are handled by microcontroller devices. This efficiency removes the need for a second processor in many
systems. The 32 x 32-bit MAC capabilities of the C28x and its 64-bit processing capabilities, enable the C28x
to efficiently handle higher numerical resolution problems that would otherwise demand a more expensive
floating-point processor solution. Add to this the fast interrupt response with automatic context save of critical
registers, resulting in a device that is capable of servicing many asynchronous events with minimal latency.
The C28x has an 8-level-deep protected pipeline with pipelined memory accesses. This pipelining enables
the C28x to execute at high speeds without resorting to expensive high-speed memories. Special
branch-look-ahead hardware minimizes the latency for conditional discontinuities. Special store conditional
operations further improve performance.
3.2.2
Memory Bus (Harvard Bus Architecture)
As with many DSP type devices, multiple busses are used to move data between the memories and
peripherals and the CPU. The R28x memory bus architecture contains a program read bus, data read bus
and data write bus. The program read bus consists of 22 address lines and 32 data lines. The data read and
write busses consist of 32 address lines and 32 data lines each. The 32-bit-wide data busses enable single
cycle 32-bit operations. The multiple-bus architecture, commonly termed “Harvard Bus”, enables the R28x
to fetch an instruction, read a data value, and write a data value in a single cycle. All peripherals and memories
attached to the memory bus prioritize memory accesses.
C28x and TMS320C2000 are trademarks of Texas Instruments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com