Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP320F2811ZHHS Datasheet(PDF) 49 Page - Texas Instruments

Part # TMP320F2811ZHHS
Description  TMS320R2811, TMS320R2812 Digital Signal Processors
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320F2811ZHHS Datasheet(HTML) 49 Page - Texas Instruments

Back Button TMP320F2811ZHHS Datasheet HTML 45Page - Texas Instruments TMP320F2811ZHHS Datasheet HTML 46Page - Texas Instruments TMP320F2811ZHHS Datasheet HTML 47Page - Texas Instruments TMP320F2811ZHHS Datasheet HTML 48Page - Texas Instruments TMP320F2811ZHHS Datasheet HTML 49Page - Texas Instruments TMP320F2811ZHHS Datasheet HTML 50Page - Texas Instruments TMP320F2811ZHHS Datasheet HTML 51Page - Texas Instruments TMP320F2811ZHHS Datasheet HTML 52Page - Texas Instruments TMP320F2811ZHHS Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 147 page
background image
Functional Overview
49
June 2004
SPRS257
Table 3−14. R281x Low-Power Modes
MODE
LPM(1:0)
OSCCLK
CLKIN
SYSCLKOUT
EXIT†
Normal
X,X
on
on
on
−
IDLE
0,0
on
on
on‡
XRS,
WDINT,
Any Enabled Interrupt,
XNMI
Debugger§
STANDBY
0,1
on
(watchdog still running)
off
off
XRS,
WDINT,
XINT1,
XNMI,
T1/2/3/4CTRIP,
C1/2/3/4/5/6TRIP,
SCIRXDA,
SCIRXDB,
CANRX,
Debugger§
HALT
1,X
off
(oscillator and PLL turned off,
watchdog not functional)
off
off
XRS,
XNMI,
Debugger§
† The Exit column lists which signals or under what conditions the low power mode will be exited. A low signal, on any of the signals, will exit the
low power condition. This signal must be kept low long enough for an interrupt to be recognized by the device. Otherwise the IDLE mode will not
be exited and the device will go back into the indicated low power mode.
‡ The IDLE mode on the C28x behaves differently than on the 24x/240x. On the C28x, the clock output from the core (SYSCLKOUT) is still functional
while on the 24x/240x the clock is turned off.
§ On the C28x, the JTAG port can still function even if the core clock (CLKIN) is turned off.
The various low-power modes operate as follows:
IDLE Mode:
This mode is exited by any enabled interrupt or an XNMI that is
recognized by the processor. The LPM block performs no tasks during
this mode as long as the LPMCR0(LPM) bits are set to 0,0.
STANDBY Mode:
All other signals (including XNMI) will wake the device from STANDBY
mode if selected by the LPMCR1 register. The user will need to select
which signal(s) will wake the device. The selected signal(s) are also
qualified by the OSCCLK before waking the device. The number of
OSCCLKs is specified in the LPMCR0 register.
HALT Mode:
Only the XRS and XNMI external signals can wake the device from
HALT mode. The XNMI input to the core has an enable/disable bit.
Hence, it is safe to use the XNMI signal for this function.
NOTE: The low-power modes do not affect the state of the output pins (PWM pins included). They will be
in whatever state the code left them when the IDLE instruction was executed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com