| Electronic Components Datasheet Search |
|
TMP320F2811ZHHS Datasheet(PDF) 67 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMP320F2811ZHHS Datasheet(HTML) 67 Page - Texas Instruments |
|
67 / 147 page ![]() Peripherals 67 June 2004 SPRS257 4.5 Multichannel Buffered Serial Port (McBSP) Module The McBSP module has the following features: • Compatible to McBSP in TMS320C54x /TMS320C55x DSP devices, except the DMA features • Full-duplex communication • Double-buffered data registers which allow a continuous data stream • Independent framing and clocking for receive and transmit • External shift clock generation or an internal programmable frequency shift clock • A wide selection of data sizes including 8-, 12-, 16-, 20-, 24-, or 32-bits • 8-bit data transfers with LSB or MSB first • Programmable polarity for both frame synchronization and data clocks • HIghly programmable internal clock and frame generation • Support A-bis mode • Direct interface to industry-standard CODECs, Analog Interface Chips (AICs), and other serially connected A/D and D/A devices • Works with SPI-compatible devices • Two 16 x 16-level FIFO for Transmit channel • Two 16 x 16-level FIFO for Receive channel The following application interfaces can be supported on the McBSP: • T1/E1 framers • MVIP switching-compatible and ST-BUS-compliant devices including: − MVIP framers − H.100 framers − SCSA framers − IOM-2 compliant devices − AC97-compliant devices (the necessary multiphase frame synchronization capability is provided.) − IIS-compliant devices • McBSP clock rate = CLKG = CLKSRG (1 ) CLKGDIV) , where CLKSRG source could be LSPCLK, CLKX, or CLKR. Serial port performance is limited by I/O buffer switching speed. Internal prescalers must be adjusted such that the peripheral speed is less than the I/O buffer speed limit—20-MHz maximum. Figure 4−9 shows the block diagram of the McBSP module with FIFO, interfaced to the R281x version of Peripheral Frame 2. TMS320C54x and TMS320C55x are trademarks of Texas Instruments. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |