Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP320C2811PBKQ Datasheet(PDF) 39 Page - Texas Instruments

Part # TMP320C2811PBKQ
Description  TMS320R2811, TMS320R2812 Digital Signal Processors
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320C2811PBKQ Datasheet(HTML) 39 Page - Texas Instruments

Back Button TMP320C2811PBKQ Datasheet HTML 35Page - Texas Instruments TMP320C2811PBKQ Datasheet HTML 36Page - Texas Instruments TMP320C2811PBKQ Datasheet HTML 37Page - Texas Instruments TMP320C2811PBKQ Datasheet HTML 38Page - Texas Instruments TMP320C2811PBKQ Datasheet HTML 39Page - Texas Instruments TMP320C2811PBKQ Datasheet HTML 40Page - Texas Instruments TMP320C2811PBKQ Datasheet HTML 41Page - Texas Instruments TMP320C2811PBKQ Datasheet HTML 42Page - Texas Instruments TMP320C2811PBKQ Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 147 page
background image
Functional Overview
39
June 2004
SPRS257
The operation and timing of the external interface, can be controlled by the registers listed in Table 3−6.
Table 3−6. XINTF Configuration and Control Register Mappings
NAME
ADDRESS
SIZE (x16)
DESCRIPTION
XTIMING0
0x00 0B20
2
XINTF Timing Register, Zone 0 can access as two 16-bit registers or one 32-bit register
XTIMING1
0x00 0B22
2
XINTF Timing Register, Zone 1 can access as two 16-bit registers or one 32-bit register
XTIMING2
0x00 0B24
2
XINTF Timing Register, Zone 2 can access as two 16-bit registers or one 32-bit register
XTIMING6
0x00 0B2C
2
XINTF Timing Register, Zone 6 can access as two 16-bit registers or one 32-bit register
XTIMING7
0x00 0B2E
2
XINTF Timing Register, Zone 7 can access as two 16-bit registers or one 32-bit register
XINTCNF2
0x00 0B34
2
XINTF Configuration Register can access as two 16-bit registers or one 32-bit register
XBANK
0x00 0B38
1
XINTF Bank Control Register
XREVISION
0x00 0B3A
1
XINTF Revision Register
3.5.1
Timing Registers
XINTF signal timing can be tuned to match specific external device requirements such as setup and hold times
to strobe signals for contention avoidance and maximizing bus efficiency. The timing parameters can be
configured individually for each zone. This allows the programmer to maximize the efficiency of the bus, based
on the type of memory or peripheral that the user needs to access. All XINTF timing values are with respect
to XTIMCLK, which is equal to or one-half of the SYSCLKOUT rate, as shown in Figure 6−25.
For detailed information on the XINTF timing and configuration register bit fields, see the TMS320F28x DSP
External Interface (XINTF) Reference Guide
(literature number SPRU067).
3.5.2
XREVISION Register
The XREVISION register contains a unique number to identify the particular version of XINTF used in the
product. For the 2812, this register will be configured as described in Table 3−7.
Table 3−7. XREVISION Register Bit Definitions
BIT(S)
NAME
TYPE
RESET
DESCRIPTION
15−0
REVISION
R
0x0004
Current XINTF Revision. For internal use/reference. Test purposes only. Subject to
change.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com