Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP320C2811PBKQ Datasheet(PDF) 21 Page - Texas Instruments

Part # TMP320C2811PBKQ
Description  TMS320R2811, TMS320R2812 Digital Signal Processors
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320C2811PBKQ Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMP320C2811PBKQ Datasheet HTML 17Page - Texas Instruments TMP320C2811PBKQ Datasheet HTML 18Page - Texas Instruments TMP320C2811PBKQ Datasheet HTML 19Page - Texas Instruments TMP320C2811PBKQ Datasheet HTML 20Page - Texas Instruments TMP320C2811PBKQ Datasheet HTML 21Page - Texas Instruments TMP320C2811PBKQ Datasheet HTML 22Page - Texas Instruments TMP320C2811PBKQ Datasheet HTML 23Page - Texas Instruments TMP320C2811PBKQ Datasheet HTML 24Page - Texas Instruments TMP320C2811PBKQ Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 147 page
background image
Introduction
21
June 2004
SPRS257
Table 2−2. Signal Descriptions† (Continued)
NAME
DESCRIPTION
PU/PD§
I/O/Z‡
PIN NO.
NAME
DESCRIPTION
PU/PD§
I/O/Z‡
128-PIN
PBK
176-PIN
PGF
179-PIN
GHH
AND
ZHH
JTAG
TRST
B12
135
98
I
PD
JTAG test reset with internal pulldown. TRST, when driven
high, gives the scan system control of the operations of the
device. If this signal is not connected or driven low, the device
operates in its functional mode, and the test reset signals are
ignored.
NOTE: Do not use pullup resistors on TRST; it has an internal
pulldown device. In a low-noise environment, TRST can be
left floating. In a high-noise environment, an additional
pulldown resistor may be needed. The value of this resistor
should be based on drive strength of the debugger pods
applicable to the design. A 2.2-kΩ resistor generally offers
adequate protection. Since this is application-specific, it is
recommended that each target board is validated for proper
operation of the debugger and the application.
TCK
A12
136
99
I
PU
JTAG test clock with internal pullup
TMS
D13
126
92
I
PU
JTAG test-mode select (TMS) with internal pullup. This serial
control input is clocked into the TAP controller on the rising
edge of TCK.
TDI
C13
131
96
I
PU
JTAG test data input (TDI) with internal pullup. TDI is clocked
into the selected register (instruction or data) on a rising edge
of TCK.
TDO
D12
127
93
O/Z
−
JTAG scan out, test data output (TDO). The contents of the
selected register (instruction or data) is shifted out of TDO on
the falling edge of TCK.
EMU0
D11
137
100
I/O/Z
PU
Emulator pin 0. When TRST is driven high, this pin is used
as an interrupt to or from the emulator system and is
defined as input/output through the JTAG scan.
EMU1
C9
146
105
I/O/Z
PU
Emulator pin 1. When TRST is driven high, this pin is used
as an interrupt to or from the emulator system and is
defined as input/output through the JTAG scan.
ADC ANALOG INPUT SIGNALS
ADCINA7
B5
167
119
I
ADCINA6
D5
168
120
I
ADCINA5
E5
169
121
I
ADCINA4
A4
170
122
I
8-Channel analog inputs for Sample-and-Hold A. The ADC
pins should not be driven before V
V
and V
ADCINA3
B4
171
123
I
pins should not be driven before VDDA1, VDDA2, and VDDAIO
pins have been fully powered up.
ADCINA2
C4
172
124
I
pins have been fully powered up.
ADCINA1
D4
173
125
I
ADCINA0
A3
174
126
I
† Typical drive strength of the output buffer for all pins is 4 mA except for TDO, XCLKOUT, XF, XINTF, EMU0, and EMU1 pins, which are 8 mA.
‡ I = Input, O = Output, Z = High impedance
§ PU = pin has internal pullup; PD = pin has internal pulldown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com