Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP320C2811PBKQ Datasheet(PDF) 18 Page - Texas Instruments

Part # TMP320C2811PBKQ
Description  TMS320R2811, TMS320R2812 Digital Signal Processors
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320C2811PBKQ Datasheet(HTML) 18 Page - Texas Instruments

Back Button TMP320C2811PBKQ Datasheet HTML 14Page - Texas Instruments TMP320C2811PBKQ Datasheet HTML 15Page - Texas Instruments TMP320C2811PBKQ Datasheet HTML 16Page - Texas Instruments TMP320C2811PBKQ Datasheet HTML 17Page - Texas Instruments TMP320C2811PBKQ Datasheet HTML 18Page - Texas Instruments TMP320C2811PBKQ Datasheet HTML 19Page - Texas Instruments TMP320C2811PBKQ Datasheet HTML 20Page - Texas Instruments TMP320C2811PBKQ Datasheet HTML 21Page - Texas Instruments TMP320C2811PBKQ Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 147 page
background image
Introduction
18
June 2004
SPRS257
Table 2−2. Signal Descriptions† (Continued)
NAME
DESCRIPTION
PU/PD§
I/O/Z‡
PIN NO.
NAME
DESCRIPTION
PU/PD§
I/O/Z‡
128-PIN
PBK
176-PIN
PGF
179-PIN
GHH
AND
ZHH
XD[15]
A9
147
−
I/O/Z
PU
XD[14]
B11
139
−
I/O/Z
PU
XD[13]
J10
97
−
I/O/Z
PU
XD[12]
L14
96
−
I/O/Z
PU
XD[11]
N9
74
−
I/O/Z
PU
XD[10]
L9
73
−
I/O/Z
PU
XD[9]
M8
68
−
I/O/Z
PU
XD[8]
P7
65
−
I/O/Z
PU
16 bit XINTF Data Bus
XD[7]
L5
54
−
I/O/Z
PU
16-bit XINTF Data Bus
XD[6]
L3
39
−
I/O/Z
PU
XD[5]
J5
36
−
I/O/Z
PU
XD[4]
K3
33
−
I/O/Z
PU
XD[3]
J3
30
−
I/O/Z
PU
XD[2]
H5
27
−
I/O/Z
PU
XD[1]
H3
24
−
I/O/Z
PU
XD[0]
G3
21
−
I/O/Z
PU
† Typical drive strength of the output buffer for all pins is 4 mA except for TDO, XCLKOUT, XF, XINTF, EMU0, and EMU1 pins, which are 8 mA.
‡ I = Input, O = Output, Z = High impedance
§ PU = pin has internal pullup; PD = pin has internal pulldown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com