Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LF05CE-P Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LF05CE-P
Description  LINEARlight Colormix Flex Protect
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LF05CE-P Datasheet(HTML) 1 Page - OSRAM GmbH

  LF05CE-P Datasheet HTML 1Page - OSRAM GmbH LF05CE-P Datasheet HTML 2Page - OSRAM GmbH LF05CE-P Datasheet HTML 3Page - OSRAM GmbH LF05CE-P Datasheet HTML 4Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.osram.com/flex
Due to the special conditions of manufacturing processes of LED, the typical data of technical parameters can only reflect statistical figures and do not necessarily
correspond to the actual parameters of each single product which could differ from the typical data.
Subject to change without notice. Errors and omissions excepted. Version: 2014-05-06
LINEARlight Colormix Flex® Protect – LF05CA-P / LF05CE-P
TECHNICAL DATASHEET
1/4
LINEARlight Colormix Flex Protect
– LF05CA-P / LF05CE-P
Technical Datasheet
Benefits
For outdoor use  IP67
High performance silicone:
extreme long life time: 50.000 h
high flexibility
Premounted feeder for easy connection
Attractive Design
-
Elegant white appearance
-
Electronic components hidden
Applications
Ships and boats, wall integration
Machine lighting
Path illumination, illuminated signs
Architectural lighting
LF05CA-RGB3-P
LF05CE-RGB1-P
Quick reference
Product
Order Code
Color
Dominant
Wavelength
W/m
lm/m
lm/W
Shipping Units
LF05CA-RGB3-P
4008321977205
RGB
18,0
435
24
8
Red
625
6,7
114
17
Green
525
9,5
298
32
Blue
465
1,9
23
12
LF05CE-RGB1-P
4008321977182
RGB
6,5
180
28
8
Red
625
2,7
120
16
Green
525
3,1
292
34
Blue
465
0,7
23
11
Technical features
Protection Type
IP 67 (outdoor use)
High performance Silicone
High UV-resistancy
Saltmist proof
Dimmable
Pulse width modulation (PWM)
Lifetime (L70B50 @ Tc=40°C)
50,000 h
Adhesive tape on backside
Tesa (High Performance Tape)
Fulfilled standards/tests
Flammability: Glow-wire test with 850°
– EN60598-1
Mixed gas corrosion test
– IEC60068-2-60
Complementary systems
CONNECTsystem PROTECT, SLIM TRACK, OPTOTRONIC
150
30
11
4.5
6,000
[mm]
100
20
11
4.5
4,000
[mm]


Similar Part No. - LF05CE-P

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LF05A OSRAM-LF05A Datasheet
109Kb / 4P
LINEARlight Flex
LF05A-B3 OSRAM-LF05A-B3 Datasheet
109Kb / 4P
LINEARlight Flex
LF05A-W3F-827 OSRAM-LF05A-W3F-827 Datasheet
109Kb / 4P
LINEARlight Flex
LF05A-W3F-830 OSRAM-LF05A-W3F-830 Datasheet
109Kb / 4P
LINEARlight Flex
LF05A-W3F-840 OSRAM-LF05A-W3F-840 Datasheet
109Kb / 4P
LINEARlight Flex
More results

Similar Description - LF05CE-P

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
GTL-OS-70080 GILWAY-GTL-OS-70080 Datasheet
561Kb / 4P
Product Information Bulletin LINEARlight Colormix LED Module
GTL-OS-70082 GILWAY-GTL-OS-70082 Datasheet
581Kb / 4P
Product Information Bulletin LINEARlight Flex Top Colormix
logo
OSRAM GmbH
LM10A OSRAM-LM10A Datasheet
180Kb / 4P
LINEARlight Flex
LM11A OSRAM-LM11A Datasheet
113Kb / 4P
LINEARlight Flex
LM10L OSRAM-LM10L Datasheet
130Kb / 4P
LINEARlight Colormix Flex
LF05A OSRAM-LF05A Datasheet
109Kb / 4P
LINEARlight Flex
LF06A-P OSRAM-LF06A-P Datasheet
567Kb / 4P
LINEARlight Flex Protect ADVANCED
LF06P2-P OSRAM-LF06P2-P Datasheet
527Kb / 4P
LINEARlight POWER Flex
LF06P2 OSRAM-LF06P2 Datasheet
469Kb / 6P
LINEARLIGHT POWER FLEX
LR18CP OSRAM-LR18CP Datasheet
149Kb / 4P
LINEARlight Colormix Power
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com