Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LF05CE-P Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LF05CE-P
Description  LINEARlight Colormix Flex Protect
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LF05CE-P Datasheet(HTML) 4 Page - OSRAM GmbH

  LF05CE-P Datasheet HTML 1Page - OSRAM GmbH LF05CE-P Datasheet HTML 2Page - OSRAM GmbH LF05CE-P Datasheet HTML 3Page - OSRAM GmbH LF05CE-P Datasheet HTML 4Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.osram.com/flex
Due to the special conditions of manufacturing processes of LED, the typical data of technical parameters can only reflect statistical figures and do not necessarily
correspond to the actual parameters of each single product which could differ from the typical data.
Subject to change without notice. Errors and omissions excepted. Version: 2014-05-06
LINEARlight Colormix Flex® Protect – LF05CA-P / LF05CE-P
TECHNICAL DATASHEET
4/4
OPTOTRONIC
Please consider that lengths may differ if further controls are installed.
Product reference
EAN10
LF05CA-RGB3-P
4008321977205
LF05CE-RGB1-P
4008321977182
Non-dimmable
OPTOTRONIC OT 6/200-240/24 CE
4008321113269
up to 0,3 m
up to 0,9 m
OPTOTRONIC OT 8/200-240/24
4008321040169
up to 0,4 m
up to 1,2 m
OPTOTRONIC OT 20/220-240/24
4050300618111
up to 1,1 m
up to 3 m
OPTOTRONIC OT 20/120-240/24 S
4050300662626
up to 1,1 m
up to 3 m
OPTOTRONIC OT 30/220-240/24 P
4052899043497
up to 1,6 m
up to 4,5 m
OPTOTRONIC OT 50/220-240/24
4052899905566
up to 2,7 m
up to 7,65 m
⁽**⁾
OPTOTRONIC OT 75/220-240/24
4050300817477
up to 4,1 m
⁽*⁾
up to 11,4 m
⁽**⁾
OPTOTRONIC OT 75/220-240/24 E
4008321362476
up to 4,1 m
⁽*⁾
up to 11,4 m
⁽**⁾
OPTOTRONIC OT 80/220-240/24 P
4008321981684
up to 4,4 m
⁽*⁾
up to 12,3 m
⁽**⁾
OPTOTRONIC OT 120/220-240/24 P
4008321981707
up to 6,6 m
⁽*⁾
up to 18,45 m
⁽**⁾
OPTOTRONIC OT 240/220-240/24 P
4008321981721
up to 13,3 m
⁽*⁾
up to 36,9 m
⁽**⁾
Dimmable
OPTOTRONIC OT EASY 60 II
4008321187796
up to 3,3 m
up to 9,15 m
⁽**⁾
OPTOTRONIC OT EASY 80
4008321808363
up to 4,4 m
⁽*⁾
up to 12,3 m
⁽**⁾
OPTOTRONIC OT 65/220-240/24 3DIM E
4008321964403
up to 3,6 m
up to 9,9 m
⁽**⁾
OPTOTRONIC OTi DALI 75/220-240/24 1-4 CH
4008321371560
up to 4,1 m
⁽*⁾
up to 11,4 m
⁽**⁾
OPTOTRONIC OT 80/220-240/24 DIM P
4008321981677
up to 4,4 m
⁽*⁾
up to 12,3 m
⁽**⁾
OPTOTRONIC OT 120/220-240/24 DIM P
4008321981691
up to 6,6 m
⁽*⁾
up to 18,45 m
⁽**⁾
OPTOTRONIC OT 240/220-240/24 DIM P
4008321981714
up to 13,3 m
⁽*⁾
up to 36,9 m
⁽**⁾
⁽*⁾ Total length operable per driver. Length of single strip or series connection may not exceed 4 m.
⁽**⁾ Total length operable per driver. Length of single strip or series connection may not exceed 6 m.
Contacts & information
German engineering meets Italian elegance
– creating a European product
All LINEARlight Flex® Protect are Made in Italy by OSRAM, with over 100 years of experience in light solutions.
OSRAM GmbH
Marcel-Breuer-Straße 6
80807 Munich, Germany
www.osram.com
+49.89.6213-0
Sales and technical support is given by the local OSRAM
subsidiaries.
On the OSRAM website all subsidiaries are listed with
complete address and phone numbers.
OSRAM LED Systems
www.osram.com/led-systems
OSRAM: FLEXIBLE LED MODULES
www.osram.com/flex
OSRAM catalogue
http://catalog.osram.com
General information
www.osram.com
OT
– 24V
lA
lC
lB
Maximim length per OT:
lA + lB + lC
+ …  lmax/OT
Maximum length per strip:
lA
≤ 4m (CA), 6m (CE)
lB
≤ 4m (CA), 6m (CE)
lC
≤ 4m (CA), 6m (CE)
l
≤ 4m (CA), 6m (CE)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com