Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LF05CE-P Datasheet(PDF) 2 Page - OSRAM GmbH

Part # LF05CE-P
Description  LINEARlight Colormix Flex Protect
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LF05CE-P Datasheet(HTML) 2 Page - OSRAM GmbH

  LF05CE-P Datasheet HTML 1Page - OSRAM GmbH LF05CE-P Datasheet HTML 2Page - OSRAM GmbH LF05CE-P Datasheet HTML 3Page - OSRAM GmbH LF05CE-P Datasheet HTML 4Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.osram.com/flex
Due to the special conditions of manufacturing processes of LED, the typical data of technical parameters can only reflect statistical figures and do not necessarily
correspond to the actual parameters of each single product which could differ from the typical data.
Subject to change without notice. Errors and omissions excepted. Version: 2014-05-06
LINEARlight Colormix Flex® Protect – LF05CA-P / LF05CE-P
TECHNICAL DATASHEET
2/4
Technical operating data (for overall module)
Product
Order Code
Color
Voltage
[V]
Power
[W]
Current
[A]
Luminous
Flux [lm]
Radiance
Angle [°]
Overall
Length
LF05CA-RGB3-P
4008321977205
RGB
24
72
3
1740
120
4 m
Red
24
27
1,1
456
Green
24
38
1,6
1193
Blue
24
7
0,3
92
LF05CE-RGB1-P
4008321977182
RGB
24
39
1,6
1080
120
6 m
Red
24
16
0,7
1161
Green
24
19
0,8
2822
Blue
24
4
0,2
222
Minimum & maximum ratings
Operating temperature
at Tc-Point [°C]
Storage temperature
[°C]
Voltage range
[V dc]
Reverse Voltage
[V dc]
LF05CA/E-P
-3
0 … +75°C
-
40 … +85°C
23 … 25 V
25 V
► Exceeding maximum ratings for operating and storage temperature will reduce expected life time or destroy the LED Module.
► Exceeding maximum ratings for operating voltage will cause hazardous overload and will likely destroy the LED Module.
► The temperature of the LED module must be measured at the Tc-point according to EN60598-1 in a thermally constant status with a
temperature sensor or a temperature sensitive label. Drive all channels on 100% to determine the temperature. For exact location of the
Tc-point see drawing below.
Technical drawings



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com