Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADC12DL040CIVS/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # ADC12DL040CIVS/NOPB
Description  210mW A/D Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12DL040CIVS/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button ADC12DL040CIVS/NOPB Datasheet HTML 10Page - Texas Instruments ADC12DL040CIVS/NOPB Datasheet HTML 11Page - Texas Instruments ADC12DL040CIVS/NOPB Datasheet HTML 12Page - Texas Instruments ADC12DL040CIVS/NOPB Datasheet HTML 13Page - Texas Instruments ADC12DL040CIVS/NOPB Datasheet HTML 14Page - Texas Instruments ADC12DL040CIVS/NOPB Datasheet HTML 15Page - Texas Instruments ADC12DL040CIVS/NOPB Datasheet HTML 16Page - Texas Instruments ADC12DL040CIVS/NOPB Datasheet HTML 17Page - Texas Instruments ADC12DL040CIVS/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
ADC12DL040
SNAS250D – FEBRUARY 2005 – REVISED APRIL 2013
www.ti.com
Typical Performance Characteristics DNL, INL
Unless otherwise specified, the following specifications apply for AGND = DGND = DR GND = 0V, VA = VD = +3.0V, VDR =
+2.5V, PD = 0V, VREF = +1.0V, fCLK = 40 MHz, fIN = 0, tr = tf = 2 ns, CL = 15 pF/pin, Duty Cycle Stabilizer On, parallel output
mode. Boldface limits apply for TJ = TMIN to TMAX: all other limits TJ = 25°C
DNL
INL
Figure 3.
Figure 4.
DNL vs. fCLK
INL vs. fCLK
Figure 5.
Figure 6.
DNL vs. Clock Duty Cycle
INL vs. Clock Duty Cycle
Figure 7.
Figure 8.
14
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: ADC12DL040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com