Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LF06A-P Datasheet(PDF) 2 Page - OSRAM GmbH

Part # LF06A-P
Description  LINEARlight Flex Protect ADVANCED
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LF06A-P Datasheet(HTML) 2 Page - OSRAM GmbH

  LF06A-P Datasheet HTML 1Page - OSRAM GmbH LF06A-P Datasheet HTML 2Page - OSRAM GmbH LF06A-P Datasheet HTML 3Page - OSRAM GmbH LF06A-P Datasheet HTML 4Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.osram.com/flex
Due to the special conditions of manufacturing processes of LED, the typical data of technical parameters can only reflect statistical figures and do not necessarily
correspond to the actual parameters of each single product which could differ from the typical data.
Subject to change without notice. Errors and omissions excepted. Version: 2014-05-06
LINEARlight Flex® Protect ADVANCED G2 – LF06A-P
2/4
Technical operating data (for overall module)
Product
Order Code
Voltage
[V]
Power
[W]
Current
[A]
Luminous
Flux [lm]
Radiance
Angle [°]
Overall
Length
LF06A-W3F-830-P
4008321789983
24
50
2
3500
120
10 m
LF06A-W3F-840-P
4008321790125
24
50
2
3900
120
10 m
LF06A-W3F-870-P
4008321790149
24
50
2
3900
120
10 m
Minimum & maximum ratings
Operating temperature
at Tc-Point [°C]
Storage temperature
[°C]
Voltage range
[V dc]
Reverse Voltage
[V dc]
LF06A
-
20 … +70°C
-
40 … +100°C
23 … 25 V
25 V
► Exceeding maximum ratings for operating and storage temperature will reduce expected life time or destroy the LED Module.
► Exceeding maximum ratings for operating voltage will cause hazardous overload and will likely destroy the LED Module.
► The temperature of the LED module must be measured at the Tc-point according to EN60598-1 in a thermally constant status with a
temperature sensor or a temperature sensitive label. For exact location of the Tc-point see drawing below.
Technical drawing
Safety information
► The module has to be protected from mechanical loads
► Assembly must not damage or destroy conducting paths on the circuit board.
► Installation of LED modules (with power supplies) needs to be made with regard to all applicable and safety standards. Only qualified
personnel should be allowed to perform installations.
► Observe correct polarity!
Depending on the product incorrect polarity will lead to emission of no light. The module can be damaged after a few seconds. To prevent
this, correct polarity immediately! (see "reverse voltage", page 2)
► Parallel connection is highly recommended as safe electrical operation mode.
Serial connection is not recommended. Unbalanced voltage drop can cause hazardous overload the LED module.
► ESD protection methods have to be observed when cutting and connecting the module. on ESD handling in the application note ESD
protection for LED modules.
► The LED Module must not be operated under water
► Please ensure that the power supply is of adequate power to operate the total load.
16.7 mm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com