Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LF06A-P Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LF06A-P
Description  LINEARlight Flex Protect ADVANCED
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LF06A-P Datasheet(HTML) 4 Page - OSRAM GmbH

  LF06A-P Datasheet HTML 1Page - OSRAM GmbH LF06A-P Datasheet HTML 2Page - OSRAM GmbH LF06A-P Datasheet HTML 3Page - OSRAM GmbH LF06A-P Datasheet HTML 4Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.osram.com/flex
Due to the special conditions of manufacturing processes of LED, the typical data of technical parameters can only reflect statistical figures and do not necessarily
correspond to the actual parameters of each single product which could differ from the typical data.
Subject to change without notice. Errors and omissions excepted. Version: 2014-05-06
LINEARlight Flex® Protect ADVANCED G2 – LF06A-P
4/4
OPTOTRONIC
Please consider that lengths may differ if further controls are installed.
Recommended OPTOTRONIC® drivers
EAN
Recommended max. length per driver
Non-dimmable
OPTOTRONIC OT 6/200-240/24 CE
4008321113269
0,1 m - 1,2 m
OPTOTRONIC OT 8/200-240/24
4008321040169
0 m - 1,6 m
OPTOTRONIC OT 20/220-240/24
4050300618111
0,1 m - 4 m
OPTOTRONIC OT 20/120-240/24 S
4050300662626
0,2 m
⁽*⁾ - 4 m
OPTOTRONIC OT 75/220-240/24
4050300817477
0 m - 15 m
⁽**⁾
OPTOTRONIC OT 75/220-240/24 E
4008321362476
0 m - 15 m
⁽**⁾
OPTOTRONIC OT 80/220-240/24 P
4008321981684
5 m
⁽*⁾ - 16 m ⁽**⁾
OPTOTRONIC OT 120/220-240/24 P
4008321981707
12 m
⁽*⁾ ⁽**⁾ - 24 m ⁽**⁾
OPTOTRONIC OT 240/220-240/24 P
4008321981721
24 m
⁽*⁾ ⁽**⁾ - 48 m ⁽**⁾
Dimmable
OPTOTRONIC OT EASY 60 II
4008321187796
0 m - 12 m
⁽**⁾
OPTOTRONIC OT EASY 80
4008321808363
0 m - 16 m
⁽**⁾
OPTOTRONIC OT 65/220-240/24 3DIM E
4008321964403
0 m - 13 m
⁽**⁾
OPTOTRONIC OTi DALI 75/220-240/24 1-4 CH
4008321371560
0 m - 15 m
⁽**⁾
OPTOTRONIC OT 80/220-240/24 DIM P
4008321981677
5 m
⁽*⁾ - 16 m ⁽**⁾
OPTOTRONIC OT 120/220-240/24 DIM P
4008321981691
12 m
⁽*⁾ ⁽**⁾ - 24 m ⁽**⁾
OPTOTRONIC OT 240/220-240/24 DIM P
4008321981714
24 m
⁽*⁾ ⁽**⁾ - 48 m ⁽**⁾
⁽*⁾ Operation with shorter length possible. Recommended minimum length to achieve optimum operating conditions.
⁽**⁾ Total lengths per driver. Length of single strip must not exceed 10 m.
Contacts & information
German engineering meets Italian elegance
– creating a European product
All LINEARlight Flex® Protect ADVANCED are Made in Italy by OSRAM, with over 100 years of experience in light solutions.
OSRAM GmbH
Marcel-Breuer-Straße 6
80807 Munich, Germany
www.osram.com
+49.89.6213-0
Sales and technical support is given by the local OSRAM
subsidiaries.
On the OSRAM website all subsidiaries are listed with
complete address and phone numbers.
OSRAM LED Systems
www.osram.com/led-systems
OSRAM: FLEXIBLE LED MODULES
www.osram.com/flex
OSRAM catalogue
http://catalog.osram.com
General information
www.osram.com
OT
– 24V
lA
lC
lB
Maximim length per OT:
lA + lB + lC
+ …  lmax/OT
Maximum length per strip:
lA
≤ 10 m
lB
≤ 10 m
lC
≤ 10 m
l
≤ 10 m



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com