Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LF06A-P Datasheet(PDF) 3 Page - OSRAM GmbH

Part # LF06A-P
Description  LINEARlight Flex Protect ADVANCED
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LF06A-P Datasheet(HTML) 3 Page - OSRAM GmbH

  LF06A-P Datasheet HTML 1Page - OSRAM GmbH LF06A-P Datasheet HTML 2Page - OSRAM GmbH LF06A-P Datasheet HTML 3Page - OSRAM GmbH LF06A-P Datasheet HTML 4Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.osram.com/flex
Due to the special conditions of manufacturing processes of LED, the typical data of technical parameters can only reflect statistical figures and do not necessarily
correspond to the actual parameters of each single product which could differ from the typical data.
Subject to change without notice. Errors and omissions excepted. Version: 2014-05-06
LINEARlight Flex® Protect ADVANCED G2 – LF06A-P
3/4
In order to drive OSRAM LED-Modules safely, it is absolutely necessary to operate them with an electronically stabilized power
supply protecting against short circuits, overload and overheating.
To also ease the luminaire/installation approval, electronic control gear for LED or LED modules should carry the CE mark and be ENEC
certified. In Europe the declarations of conformity must include the following standards:
CE: EC 61347-2-13, EN 55015, IEC 61547 and IEC 61000-3-2 - ENEC: 61347-2-13 and IEC/EN 62384.
Also check for the mark of an independent authorized certification institute.
Please see the relevant brochure for more detailed information (see "Related and Further Information")
OSRAM OPTOTRONIC® control gear complies to all relevant standards and guarantees safe operation.
Assembly Information
The smallest electrical unit (SEU) (100 mm- 6 LEDs) can be removed by cutting at the printed marks at the side.
After cutting connect the module via CONNECTsystem IP67 LP. Insert module into connector and apply pressure on a hard surface until
locked.
The mounting of the single LED coupons is facilitated by means of the double-sided adhesive on the back surface of the module. Care
must be taken to provide a clean and dry mounting surface, free of oils or silicone coatings as well as dirt particle. The mounting substrate
must have sufficient structural integrity. Take care to completely remove the adhesive backing. Once the module is appropriately
positioned, press on the module with about 20N/cm² (refer to application techniques of Tesa adhesive transfer tapes).
To support adhesion at higher temperatures, use additional mounting brackets if temperature exceeds Tc = 40°C.
The minimum bending radius is 5 cm.
When installing in environments with large variations in temperature (e.g. outdoor applications) and operating length of more than 2 m, the
use of adequate mounting surfaces is necessary . Otherwise it is advisable to use an additional thicker adhesive tape to absorb the stress
of any mismatch in expansion.
If temperature exceeds Tc = 40°C, additional mounting brackets are needed.
Pay attention to avoid highly corrosive atmospheres, e.g. permanent high humidity or Hydrogen Sulfide (H2S).
With current LED technology, H2S is causing accelerated corrosion which will lead to shortened timelife or premature failure.
Sources for H2S may be rubber, foamed rubber, soft-foam-tapes, sealings on rubber basis, natural sources (e.g. sulfur springs), etc.
To avoid H2S from sulfur-vulcanized rubber it is necessary to switch to silicon based materials or rubber that is Peroxid-crosslinked.
Indication may be found in the material datasheet of the rubber supplier.
Complementary systems and accessories
Accessories
Type
Product
EAN
Shipping units
CONNECTsystem IP67
Endcap for module
LF-ENDCAP IP67 LP
4052899902565
10
2pin Feeder
LF-2PIN IP67 LP
4052899125711
5
2pin Jumper
LF-2CONN IP67 LP
4052899125735
5
SLIMCONNECTsystem IP54
2pin Feeder
LF-2PIN Flex IP SC
4008321841902
10
Jumper (board-to-board) (also add: 4008321841926)
LF-CONN Flex SC
4008321832467
25
IP54 Protection for Jumper (4008321832467)
LF-CONN Flex IP SC
4008321841926
25
SLIM TRACK System
SLIM TRACK
LF-LTS-2100 SLIM TRACK
4008321978981
40
Mounting Bracket for SLIM TRACK
LF-LTS-MB
4008321979025
35 / 280
Clear SLIM TRACK Cover
LF-LTS COVER C
4008321790187
40
Diffuse SLIM TRACK Cover
LF-LTS-COVER-DIFFUSE
4008321979001
40
Endcap for Diffuse Cover
LF-LTS-ENDCAP
4008321979049
20 / 160
Semi-Diffuse SLIM TRACK Cover
LF-LTS COVER S
4008321790200
40



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com