Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMC7812BSPAPR Datasheet(PDF) 69 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7812BSPAPR
Description  12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC7812BSPAPR Datasheet(HTML) 69 Page - Texas Instruments

Back Button AMC7812BSPAPR Datasheet HTML 65Page - Texas Instruments AMC7812BSPAPR Datasheet HTML 66Page - Texas Instruments AMC7812BSPAPR Datasheet HTML 67Page - Texas Instruments AMC7812BSPAPR Datasheet HTML 68Page - Texas Instruments AMC7812BSPAPR Datasheet HTML 69Page - Texas Instruments AMC7812BSPAPR Datasheet HTML 70Page - Texas Instruments AMC7812BSPAPR Datasheet HTML 71Page - Texas Instruments AMC7812BSPAPR Datasheet HTML 72Page - Texas Instruments AMC7812BSPAPR Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 92 page
background image
AMC7812B
www.ti.com
SBAS625A – SEPTEMBER 2013 – REVISED SEPTEMBER 2013
Table 21. Alarm Control Register (continued)
BIT
NAME
DEFAULT
R/W
DESCRIPTION
D1 fail alarm enable bit.
0 = The D1-FAIL alarm is masked. When D1 fails, the ALARM pin does not go low, but the
4
EALR-D1-FAIL
0
R/W
D1-FAIL-ALR bit is set.
1 = The D1-Fail alarm is enabled. When D1 fails, the D1-FAIL-ALR bit is set ('1'), the
ALARM pin goes low (if enabled).
D2 fail alarm enable bit.
0 = The D2-FAIL alarm is masked. When D2 fails, the ALARM pin does not go low, but the
3
EALR-D2-FAIL
0
R/W
D2-FAIL-ALR bit is set.
1 = The D2-Fail alarm is enabled. When D2 fails, the D2-FAIL-ALR bit is set ('1'), the
ALARM pin goes low (if enabled).
Alarm latch disable bit.
0 = The status register bits are latched. When an alarm occurs, the corresponding alarm bit
is set ('1'). The alarm bit remains '1' until the error condition subsides and the status
ALARM-
2
0
R/W
register is read. Before reading, the alarm bit is not cleared ('0') even if the alarm condition
LATCH-DIS
disappears.
1 = The status register bits are not latched. When the alarm condition subsides, the alarm
bits are cleared regardless of whether the status register is read or not.
1
—
0
R
Reserved. Writing to this bit causes no change. Reading this bit returns '0'.
0
—
0
R
Reserved. Writing to this bit causes no change. Reading this bit returns '0'.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
69
Product Folder Links: AMC7812B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com