Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS90C124IVS/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # DS90C124IVS/NOPB
Description  5-MHz to 35-MHz DC-Balanced 24-Bit FPD-Link II Serializer and Deserializer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90C124IVS/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button DS90C124IVS/NOPB Datasheet HTML 10Page - Texas Instruments DS90C124IVS/NOPB Datasheet HTML 11Page - Texas Instruments DS90C124IVS/NOPB Datasheet HTML 12Page - Texas Instruments DS90C124IVS/NOPB Datasheet HTML 13Page - Texas Instruments DS90C124IVS/NOPB Datasheet HTML 14Page - Texas Instruments DS90C124IVS/NOPB Datasheet HTML 15Page - Texas Instruments DS90C124IVS/NOPB Datasheet HTML 16Page - Texas Instruments DS90C124IVS/NOPB Datasheet HTML 17Page - Texas Instruments DS90C124IVS/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
48
DIN[19]
47
DIN[18]
46
DIN[17]
45
DIN[16]
44
DIN[15]
43
VSSIT
42
VDDIT
41
DIN[14]
40
DIN[13]
39
DIN[12]
38
DIN[11]
37
DIN[10]
13
14
15
16
17
18
19
20
21
22
23
24
RESRVD
VDDPT1
VSSPT1
VDDPT0
VSSPT0
DEN
DOUT-
DOUT+
VSSDR
VDDDR
PRE
VSS
DS90C241
48 PIN TQFP
DS90C124, DS90C241
SNLS209L – NOVEMBER 2005 – REVISED APRIL 2013
www.ti.com
DS90C241 Pin Diagram
Serializer - DS90C241
Figure 17. TOP VIEW
DS90C124 Deserializer Pin Descriptions
Pin #
Pin Name
I/O
Description
LVCMOS PARALLEL INTERFACE PINS
25-28, ROUT[7:0]
LVCMOS_O
Receiver LVCMOS level Outputs – Group 1
31-34
13-16, ROUT[15:8]
LVCMOS_O
Receiver LVCMOS level Outputs – Group 2
21-24
3-6, 9- ROUT[23:16]
LVCMOS_O
Receiver LVCMOS level Outputs – Group 3
12
18
RCLK
LVCMOS_O
Parallel Interface Clock Output Pin. Strobe edge set by RRFB configuration pin.
CONTROL AND CONFIGURATION PINS
43
RRFB
LVCMOS_I
Receiver Clock Edge Select Pin
RRFB = H; ROUT LVCMOS Outputs strobed on the Rising Clock Edge.
RRFB = L; ROUT LVCMOS Outputs strobed on the Falling Clock Edge.
48
REN
LVCMOS_I
Receiver Data Enable
REN = H; ROUT[23-0] and RCLK are Enabled (ON).
REN = L; ROUT[23-0] and RCLK are Disabled (OFF), Receiver ROUT[23-0] and RCLK Outputs are
in TRI-STATE, PLL still operational and locked to TCLK.
1
RPWDNB
LVCMOS_I
Receiver Power Down Bar
RPWDNB = H; Receiver is Enabled and ON
RPWDNB = L; Receiver is in power down mode (Sleep), ROUT[23-0], RCLK, and LOCK are in
TRI-STATE stand-by mode, PLL is shutdown to minimize power consumption.
17
LOCK
LVCMOS_O
LOCK indicates the status of the receiver PLL
LOCK = H; receiver PLL is locked
LOCK = L; receiver PLL is unlocked, ROUT[23-0] and RCLK are TRI-STATED
14
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: DS90C124 DS90C241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com