Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS90C124IVS/NOPB Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DS90C124IVS/NOPB
Description  5-MHz to 35-MHz DC-Balanced 24-Bit FPD-Link II Serializer and Deserializer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90C124IVS/NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button DS90C124IVS/NOPB Datasheet HTML 7Page - Texas Instruments DS90C124IVS/NOPB Datasheet HTML 8Page - Texas Instruments DS90C124IVS/NOPB Datasheet HTML 9Page - Texas Instruments DS90C124IVS/NOPB Datasheet HTML 10Page - Texas Instruments DS90C124IVS/NOPB Datasheet HTML 11Page - Texas Instruments DS90C124IVS/NOPB Datasheet HTML 12Page - Texas Instruments DS90C124IVS/NOPB Datasheet HTML 13Page - Texas Instruments DS90C124IVS/NOPB Datasheet HTML 14Page - Texas Instruments DS90C124IVS/NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
RIN±
TRI-STATE
TRI-STATE
TRI-STATE
TRI-STATE
TRI-STATE
ROUT [0:23]
RCLK
TRI-STATE
LOCK
}v
[š
Œ
tHZR or tLZR
tDRDL
REN
PWDN
2.0V
0.8V
VOH
REN
VOL + 0.5V
VOL
ROUT [23:0]
VOL + 0.5V
tLZR
500:
VREF = VDD/2 for tZLR or tLZR,
VOH - 0.5V
VOH + 0.5V
tZLR
tHZR
tZHR
VDD/2
VDD/2
VOH
VOL
REN
VREF
+
-
VREF = 0V for tZHR or tHZR
CL = 8pF
23
2
1
0
START
BIT
STOP
BIT
SYMBOL N+3
23
2
1
0
START
BIT
STOP
BIT
SYMBOL N+2
23
2
1
0
START
BIT
STOP
BIT
SYMBOL N+1
23
2
1
0
START
BIT
STOP
BIT
SYMBOL N
RIN0-23
DCA, DCB
RCLK
tDD
ROUT0-23
SYMBOL N-1
SYMBOL N
SYMBOL N-2
SYMBOL N-3
DS90C124, DS90C241
www.ti.com
SNLS209L – NOVEMBER 2005 – REVISED APRIL 2013
Figure 12. Deserializer Delay
Note: CL includes instrumentation and fixture capacitance within 6 cm of ROUT[23:0]
Figure 13. Deserializer TRI-STATE Test Circuit and Timing
Figure 14. Deserializer PLL Lock Times and RPWDNB TRI-STATE Delay
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: DS90C124 DS90C241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com