Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS90C124IVS/NOPB Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DS90C124IVS/NOPB
Description  5-MHz to 35-MHz DC-Balanced 24-Bit FPD-Link II Serializer and Deserializer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90C124IVS/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button DS90C124IVS/NOPB Datasheet HTML 2Page - Texas Instruments DS90C124IVS/NOPB Datasheet HTML 3Page - Texas Instruments DS90C124IVS/NOPB Datasheet HTML 4Page - Texas Instruments DS90C124IVS/NOPB Datasheet HTML 5Page - Texas Instruments DS90C124IVS/NOPB Datasheet HTML 6Page - Texas Instruments DS90C124IVS/NOPB Datasheet HTML 7Page - Texas Instruments DS90C124IVS/NOPB Datasheet HTML 8Page - Texas Instruments DS90C124IVS/NOPB Datasheet HTML 9Page - Texas Instruments DS90C124IVS/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
DS90C124, DS90C241
SNLS209L – NOVEMBER 2005 – REVISED APRIL 2013
www.ti.com
Serializer Timing Requirements for TCLK
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tTCP
Transmit Clock Period
(Figure 5)
28.6
T
200
ns
tTCIH
Transmit Clock High Time
0.4T
0.5T
0.6T
ns
tTCIL
Transmit Clock Low Time
0.4T
0.5T
0.6T
ns
tCLKT
TCLK Input Transition Time
(Figure 4)
3
6
ns
tJIT
TCLK Input Jitter
(1)
33
ps (RMS)
(1)
tJIT (at BER of 10e-9) specifies the allowable jitter on TCLK. tJIT not included in TxOUT_E_O parameter.
Serializer Switching Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tLLHT
LVDS Low-to-High Transition Time
RL = 100Ω, (Figure 3)
0.6
ns
CL = 10 pF to GND
tLHLT
LVDS High-to-Low Transition Time
0.6
ns
VODSEL = L
tDIS
DIN (23:0) Setup to TCLK
RL = 100Ω,
5
ns
CL = 10 pF to GND
tDIH
DIN (23:0) Hold from TCLK
5
ns
(1)
tHZD
DOUT ± HIGH to TRI-STATE Delay
RL = 100Ω,
15
ns
CL = 10 pF to GND
tLZD
DOUT ± LOW to TRI-STATE Delay
15
ns
(Figure 6)(2)
tZHD
DOUT ± TRI-STATE to HIGH Delay
200
ns
tZLD
DOUT ± TRI-STATE to LOW Delay
200
ns
tPLD
Serializer PLL Lock Time
RL = 100Ω, (Figure 7)
10
ms
tSD
Serializer Delay
RL = 100Ω, (Figure 8)
3.5T +
3.5T + 10
ns
VODSEL = L, TRFB = H
2.85
RL = 100Ω, (Figure 8)
3.5T +
3.5T + 10
ns
VODSEL = L, TRFB = L
2.85
TxOUT_
TxOUT_Eye_Opening
5–35 MHz
0.75
UI(5)
E_O
(respect to ideal)
(Figure 9)(1) (3) (4)
(1)
Specification is ensured by characterization and is not tested in production.
(2)
When the Serializer output is tri-stated, the Deserializer will lose PLL lock. Resynchronization MUST occur before data transfer.
(3)
tJIT (at BER of 10e-9) specifies the allowable jitter on TCLK. tJIT not included in TxOUT_E_O parameter.
(4)
TxOUT_E_O is affected by pre-emphasis value.
(5)
UI – Unit Interval, equivalent to one ideal serialized data bit width. The UI scales with frequency.
6
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: DS90C124 DS90C241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com