Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MTR50 Datasheet(PDF) 7 Page - Interpoint Corporation Company

Part # MTR50
Description  MTR (50) Single and Dual DC-DC Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MTR50 Datasheet(HTML) 7 Page - Interpoint Corporation Company

Back Button MTR50 Datasheet HTML 3Page - Interpoint Corporation Company MTR50 Datasheet HTML 4Page - Interpoint Corporation Company MTR50 Datasheet HTML 5Page - Interpoint Corporation Company MTR50 Datasheet HTML 6Page - Interpoint Corporation Company MTR50 Datasheet HTML 7Page - Interpoint Corporation Company MTR50 Datasheet HTML 8Page - Interpoint Corporation Company MTR50 Datasheet HTML 9Page - Interpoint Corporation Company MTR50 Datasheet HTML 10Page - Interpoint Corporation Company MTR50 Datasheet HTML 11Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
tabLe 5: operating ConDitions, aLL MoDeLs: 25°C tC, 28 vin, 100% LoaD, unLess otherwise speCiFieD.
ALLMODELS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
LEADSOLDERINGTEMPERATURE1
10SECONDSMAX.
300
°C
STORAGETEMPERATURE1
-65
+150
°C
CASEOPERATING
FULLPOWER
-55
+125
°C
TEMPERATURE
ABSOLUTE1
-55
+135
DERATINGOUTPUTPOWER/CURRENT1
LINEARLY
From100%at125°Cto0%at135°C
ESDRATING1
MILSTD883METHOD3015
>8000
V
MIL-PRF-38534,3.9.5.8.2
CLASS3B
ISOLATION:INPUTTOOUTPUTORANY
@500VDCAT25°C
100
Megohms
PINTOCASEEXCEPTCASEPINS
INPUTTOOUTPUTCAPACITANCE1
50
pF
CURRENTLIMIT2
%OFFULLLOAD
140
%
AUDIOREJECTION1
40
dB
CONVERSIONFREQUENCY,FREERUN
-55°CTO+125°C
530
670
kHz
SYNCHRONIZATION
INPUTFREQUENCY
500
675
kHz
-55°CTO+125°C
DUTYCYCLE1
40
60
%
ACTIVELOW
0.8
V
ACTIVEHIGH1
4.5
5.0
REFERENCEDTO
INPUTCOMMON
IFNOTUSED
CONNECTTOINPUTCOMMON
INHIBITACTIVELOW(OUTPUTDISABLED)
INHIBITPINPULLEDLOW
0.8
V
Donotapplyavoltagetotheinhibitpin.3
INHIBITPINSOURCECURRENT1
8
mA
REFERENCEDTO
INPUTCOMMON
INHIBITACTIVEHIGH(OUTPUTENABLED)
INHIBITPINCONDITION
OPENCOLLECTOROR
Donotapplyavoltagetotheinhibitpin.3
UNCONNECTED
OPENINHIBITPINVOLTAGE1
9
11
V
Notes
1.Guaranteedbyqualificationtestand/oranalysis.Notanin-linetest.
2.Dualoutputs:Theover-currentlimitwilltriggerwhenthesumofthecurrentsfrombothoutputsreaches140%(typicalvalue)ofthemaximum
rated“total”currentofbothoutputs.
3.Anexternalinhibitinterfaceshouldbeusedtopulltheinhibitloworleaveitfloating.Theinhibitpincanbeleftunconnectedifnotused.
For mean time between failures (MTBF) contact Applications Engineering
powerapps@crane-eg.com +1 425-882-3100 option 7
Crane Aerospace & Electronics Power Solutions
Mtr (50) single and Dual DC-DC Converters
28 (16-50) VOlt INPut – 30 Watt
www.craneae.com/interpoint
Page7of20
MTR-02RevAE-2016.04.26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com