Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MTR50 Datasheet(PDF) 8 Page - Interpoint Corporation Company

Part # MTR50
Description  MTR (50) Single and Dual DC-DC Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MTR50 Datasheet(HTML) 8 Page - Interpoint Corporation Company

Back Button MTR50 Datasheet HTML 4Page - Interpoint Corporation Company MTR50 Datasheet HTML 5Page - Interpoint Corporation Company MTR50 Datasheet HTML 6Page - Interpoint Corporation Company MTR50 Datasheet HTML 7Page - Interpoint Corporation Company MTR50 Datasheet HTML 8Page - Interpoint Corporation Company MTR50 Datasheet HTML 9Page - Interpoint Corporation Company MTR50 Datasheet HTML 10Page - Interpoint Corporation Company MTR50 Datasheet HTML 11Page - Interpoint Corporation Company MTR50 Datasheet HTML 12Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
tabLe 6: eLeCtriCaL CharaCteristiCs -55°C to +125°C Case, 28 vin, 100% LoaD, Free run, unLess otherwise speCiFieD.
SINGLEOUTPUTMODELS
MTR283R3S
MTR2805S
MTR288R5S
UNITS
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
OUTPUTVOLTAGE
3.201
3.30
3.399
4.85
5.00
5.15
8.23
8.5
8.77
V
OUTPUTCURRENT
VIN=16TO50V
0
6.06
0
5.0
0
2.94
A
OUTPUTPOWER
VIN=16TO50V
0
20
0
25
0
25
W
OUTPUTRIPPLE
TC=25°C
10
40
15
70
15
60
mVp-p
10kHZ-2MHZ
TC=-55°CTO+125°C
15
50
15
90
20
60
LINEREGULATION
VIN=16 to 50 v
0
10
2
50
2
50
mV
LOADREGULATION
NOLOADTOFULL
1
10
2
50
2
50
mV
INPUTVOLTAGE
CONTINUOUS
16
28
50
16
28
50
16
28
50
V
NOLOADTOFULL
TRANSIENT50ms1
80
80
80
V
INPUTCURRENT
NOLOAD
40
80
50
80
50
80
mA
INHIBITED
3
8
3
8
3
8
INPUTRIPPLECURRENT2 10kHZ-10MHZ
30
100
30
100
30
100
mAp-p
EFFICIENCY
TC=25°C
73
74
75
77
77
81
%
TC=-55°CTO+125°C
71
74
73
76
76
79
LOADFAULT3
POWERDISSIPATION
8
12
8
12
6
12
W
SHORTCIRCUIT
RECOVERY1
1.4
6
1.4
5
1.4
5
ms
STEPLOADRESPONSE4
TRANSIENT
±80
±250
±100
±300
±150
±400
mVpk
50%-100%-50%
RECOVERY
50
200
50
200
30
200
µs
STEPLINERESPONSE1,4 TRANSIENT
±300
±200
±300
±400
±500
mVpk
16-40-16V
RECOVERY
400
400
400
µs
START-UP5
DELAY
2.5
5
2.5
5
2.5
5
ms
FULLLOAD
OVERSHOOT1
0
50
0
80
0
150
mVpk
CAPACITIVELOAD1
NOEFFECTONDC
3000
3000
3000
µF
PERFORMANCE
Notes
1.Guaranteedbyqualificationtestand/oranalysis.Notanin-linetest.
2.Testedwith6800pFceramicbypasscapacitorconnectedexternallyfrominput
commontocase.
3.Indefiniteshortcircuitprotectionnotguaranteedabove125°Ccase.
4.Recoverytimeismeasuredfromapplicationofthetransienttopointatwhich
VOUTiswithin1%offinalvalue.
5.Testedonreleasefrominhibit.
Crane Aerospace & Electronics Power Solutions
Mtr (50) single and Dual DC-DC Converters
28 (16-50) VOlt INPut – 30 Watt
www.craneae.com/interpoint
Page8of20
MTR-02RevAE-2016.04.26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com