Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MTR50 Datasheet(PDF) 10 Page - Interpoint Corporation Company

Part # MTR50
Description  MTR (50) Single and Dual DC-DC Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MTR50 Datasheet(HTML) 10 Page - Interpoint Corporation Company

Back Button MTR50 Datasheet HTML 6Page - Interpoint Corporation Company MTR50 Datasheet HTML 7Page - Interpoint Corporation Company MTR50 Datasheet HTML 8Page - Interpoint Corporation Company MTR50 Datasheet HTML 9Page - Interpoint Corporation Company MTR50 Datasheet HTML 10Page - Interpoint Corporation Company MTR50 Datasheet HTML 11Page - Interpoint Corporation Company MTR50 Datasheet HTML 12Page - Interpoint Corporation Company MTR50 Datasheet HTML 13Page - Interpoint Corporation Company MTR50 Datasheet HTML 14Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Notes
1.Guaranteedbyqualificationtestand/oranalysis.Notanin-linetest.
2.Upto90%ofthetotaloutputcurrent/powerisavailablefromeitheroutput
providingtheoppositeoutputiscarryingatleast10%ofthetotaloutputpower.
3.EffectonnegativeVOUTfrom50%/50%loadsto80%/20%or20%/80%loads.
4.EffectonnegativeVOUTfrom50%/50%loadsto90%/10%or10%/90%loads.
SeeFigure21onpage14.
5.Testedwith6800pFceramicbypasscapacitorconnectedexternallyfrominput
commontocase.
6.Indefiniteshortcircuitprotectionnotguaranteedabove125°Ccase.
7.Recoverytimeismeasuredfromapplicationofthetransienttopointatwhich
VOUTiswithin1%offinalvalue.
8.Testedonreleasefrominhibit.
9.Appliestoeachoutput.
DUALOUTPUTMODELS
MTR2805D
MTR2812D
MTR2815D
UNITS
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
OUTPUTVOLTAGE
+VOUT
4.850
5.00
5.150 11.64 12.00 12.36 14.55 15.00 15.45
V
-VOUT
4.825
5.00
5.172 11.58 12.00 12.42 14.47 15.00 15.53
OUTPUTCURRENT2
EITHEROUTPUT
0
2.5
4.51
0
1.25
2.251
0
1.00
1.801
A
VIN=16TO50V
TOTALOUTPUT
5
2.5
2.00
OUTPUTPOWER2
EITHEROUTPUT
0
12.5
22.51
0
15
271
0
15
271
W
VIN=16TO50V
TOTALOUTPUT
25
30
30
OUTPUTRIPPLE
TC=25°C
5
40
20
80
20
80
mVp-p
10kHz-2MHz±VOUT
TC=-55°CTO+125°C
10
90
30
120
20
120
LINEREGULATION
+VOUT
2
50
2
50
2
50
mV
VIN=16TO50V
-VOUT
5
100
20
150
40
180
LOADREGULATION
+VOUT
2
50
2
50
2
50
mV
NOLOADTOFULL
-VOUT
10
100
20
150
20
180
CROSSREGULATION1
SEENOTE3
6
10
3
6
3
6
%
EFFECTON-VOUT,25°C
SEENOTE4
9
14
5
9
6
9
INPUTVOLTAGE
CONTINUOUS
16
28
50
16
28
50
16
28
50
V
NOLOADTOFULL
TRANSIENT50ms. 1
80
80
80
V
INPUTCURRENT
NOLOAD
50
90
60
90
60
90
mA
INHIBITED
3
8
3
8
3
8
INPUTRIPPLECURRENT5
10kHz-10MHz
25
100
30
100
30
100
mAp-p
EFFICIENCY
TC=25°C
76
79
76
80
78
80
%
BALANCEDLOAD
TC=-55°CTO+125°C
73
78
74
77
75
77
LOADFAULT6
POWERDISSIPATION
7
12
5
12
5
12
W
SHORTCIRCUIT
RECOVERY1
1.4
5.0
1.4
5.0
1.4
5.0
ms
STEPLOADRESPONSE7 TRANSIENT
±80
±300
±130
±300
±120
±400
mVpk
50%-100%-50%±VOUT RECOVERY
70
200
10
200
10
200
µs
STEPLINERESPONSE1,7 TRANSIENT
±200
±400
±200
±400
±400
±500
mVpk
16-40-16V±VOUT
RECOVERY
400
400
400
µs
START-UP8
DELAY
2.5
5
2.5
5
2.5
5
ms
FULLLOAD
OVERSHOOT1
0
180
0
180
0
180
mVpk
CAPACITIVELOAD1,9
NOEFFECTONDC
1500
1500
1500
µF
PERFORMANCE
tabLe 8: eLeCtriCaL CharaCteristiCs -55°C to +125°C Case, 28 vin, 100% LoaD, Free run, unLess otherwise speCiFieD.
Crane Aerospace & Electronics Power Solutions
Mtr (50) single and Dual DC-DC Converters
28 (16-50) VOlt INPut – 30 Watt
www.craneae.com/interpoint
Page10of20
MTR-02RevAE-2016.04.26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com