Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SMRT28512T/KR Datasheet(PDF) 31 Page - Interpoint Corporation Company

Part # SMRT28512T/KR
Description  SMRT Single, Dual and Triple Space DC-DC Converters
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMRT28512T/KR Datasheet(HTML) 31 Page - Interpoint Corporation Company

Back Button SMRT28512T/KR Datasheet HTML 27Page - Interpoint Corporation Company SMRT28512T/KR Datasheet HTML 28Page - Interpoint Corporation Company SMRT28512T/KR Datasheet HTML 29Page - Interpoint Corporation Company SMRT28512T/KR Datasheet HTML 30Page - Interpoint Corporation Company SMRT28512T/KR Datasheet HTML 31Page - Interpoint Corporation Company SMRT28512T/KR Datasheet HTML 32Page - Interpoint Corporation Company SMRT28512T/KR Datasheet HTML 33Page - Interpoint Corporation Company SMRT28512T/KR Datasheet HTML 34Page - Interpoint Corporation Company SMRT28512T/KR Datasheet HTML 35Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
50
52
54
56
58
60
62
64
66
5
10
15
20
25
Output Power (Watts)
Efficiency
Vin=19
Vin=28
Vin=50
Vin=56
19 V
28 V
50 V
56 V
50
55
60
65
70
75
5
10
15
20
25
30
Output Power (Watts)
Efficiency
Vin=19
Vin=28
Vin=50
Vin=56
19 V
28 V
50 V
56 V
50
55
60
65
70
75
80
5
10
15
20
25
30
35
Output Power (Watts)
Efficiency
Vin=19
Vin=28
Vin=50
Vin=56
19 V
28 V
50 V
56 V
FIgure 17
FIgure 19
FIgure 21
FIgure 18
FIgure 20
FIgure 22
SMRT283R3SEfficiency
SMRT2805SEfficiency
SMRT288R7SEfficiency
SMRT283R3SGainPhase
SMRT2805SGainPhase
SMRT288R7SGainPhase
OutputPower(Watts)
OutputPower(Watts)
OutputPower(Watts)
Frequency(Hz),28VIN
Frequency(Hz),28VIN
Frequency(Hz),28VIN
50.0
-50.0
40.0
30.0
20.0
10.0
0.0
-10.0
-20.0
-30.0
-40.0
225.0
-225.0
180.0
135.0
0.0
-45.0
-90.0
-135.0
-180.0
100
1 k
10 k
M1
M2
M1
3.0 kHz
0.1 dB
72.7 deg
90.0
45.0
M2
19.5 kHz
-13.4 dB
0.1 deg
GAIN
PHASE
50.0
-50.0
40.0
30.0
20.0
10.0
0.0
-10.0
-20.0
-30.0
-40.0
225.0
-225.0
180.0
135.0
0.0
-45.0
-90.0
-135.0
-180.0
100
1 k
10 k
M1
M2
M1
4.9 kHz
-0.1 dB
72.4 deg
90.0
45.0
M2
18.9 kHz
-14.1 dB
0.2 deg
GAIN
PHASE
50.0
-50.0
40.0
30.0
20.0
10.0
0.0
-10.0
-20.0
-30.0
-40.0
225.0
-225.0
180.0
135.0
0.0
-45.0
-90.0
-135.0
-180.0
100
1 k
10 k
M1
M2
M1
1.7 kHz
0.1 dB
76.2 deg
90.0
45.0
M2
13.5 kHz
-17.3 dB
0.0 deg
GAIN
PHASE
Crane Aerospace & Electronics Power Solutions
www.craneae.com/interpoint
Page31of44
sMrt single, dual and triple space dc-dc converters
SMRT28RevAJ-2016.05.03
Typical performance ploTs: Vin as specified, 25°c case, 100% load, free run, unless oTherwise specified.
These are examples for reference only and are noT guaranTeed specificaTions.
single output eFFiciency and gain pHase, all Models



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com