Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SMRT28512T/KR Datasheet(PDF) 41 Page - Interpoint Corporation Company

Part # SMRT28512T/KR
Description  SMRT Single, Dual and Triple Space DC-DC Converters
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMRT28512T/KR Datasheet(HTML) 41 Page - Interpoint Corporation Company

Back Button SMRT28512T/KR Datasheet HTML 36Page - Interpoint Corporation Company SMRT28512T/KR Datasheet HTML 37Page - Interpoint Corporation Company SMRT28512T/KR Datasheet HTML 38Page - Interpoint Corporation Company SMRT28512T/KR Datasheet HTML 39Page - Interpoint Corporation Company SMRT28512T/KR Datasheet HTML 40Page - Interpoint Corporation Company SMRT28512T/KR Datasheet HTML 41Page - Interpoint Corporation Company SMRT28512T/KR Datasheet HTML 42Page - Interpoint Corporation Company SMRT28512T/KR Datasheet HTML 43Page - Interpoint Corporation Company SMRT28512T/KR Datasheet HTML 44Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 41 / 44 page
background image
BOTTOM VIEW CASE S
Seal hole: 0.135 ±0.005 (3.43 ±0.13)
Angled corner
indicates pin 1
6 x 0.135 (3.43) dia.
12 x 0.040 ± 0.002 dia.
(1.02 ± 0.05)
1
2
3
4
5
14
13
12
11
10
9
8
1.700 (43.18)
1.500 (38.10)
1.300 (33.02)
1.100 (27.94)
0.900 (22.86)
0.700 (17.78)
0.500 (12.70)
3x 2.075 (52.68)
3x 0.125 (3.15)
0.00
Materials
Header Cold Rolled Steel/Nickel
Cover Kovar/Nickel
Pins
#52 alloy/gold, ceramic seal
Gold plating of 50 - 150 microinches included in pin diameter
Seal hole 0.123 ±0.002 (3.12 ±0.051)
Case S, Rev E, 2013.05.15
Please refer to the numerical dimensions for accuracy.
Case dimensions in inches (mm)
Tolerance ±0.005 (0.13) for three decimal places
±0.01 (0.3) for two decimal places
unless otherwise specified
CAUTION
Heat from reflow or wave soldering may damage the device.
Solder pins individually with heat application not exceeding 300°C for 10 seconds per pin
Weight: 100 gms maximum
2.205 max (56.01)
FIgure 66: caSe S
Crane Aerospace & Electronics Power Solutions
Page41of44
sMrt single, dual and triple space dc-dc converters
19-56 Volt input – 35 Watt – space qualiFied
SMRT28RevAJ-2016.05.03
www.craneae.com/interpoint



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com