Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SMRT28512T/KR Datasheet(PDF) 43 Page - Interpoint Corporation Company

Part # SMRT28512T/KR
Description  SMRT Single, Dual and Triple Space DC-DC Converters
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMRT28512T/KR Datasheet(HTML) 43 Page - Interpoint Corporation Company

Back Button SMRT28512T/KR Datasheet HTML 36Page - Interpoint Corporation Company SMRT28512T/KR Datasheet HTML 37Page - Interpoint Corporation Company SMRT28512T/KR Datasheet HTML 38Page - Interpoint Corporation Company SMRT28512T/KR Datasheet HTML 39Page - Interpoint Corporation Company SMRT28512T/KR Datasheet HTML 40Page - Interpoint Corporation Company SMRT28512T/KR Datasheet HTML 41Page - Interpoint Corporation Company SMRT28512T/KR Datasheet HTML 42Page - Interpoint Corporation Company SMRT28512T/KR Datasheet HTML 43Page - Interpoint Corporation Company SMRT28512T/KR Datasheet HTML 44Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 43 / 44 page
background image
table 28: enVIrOnMental ScreenIng and rha leVelS
Tableisforreferenceonly.SeeindividualSeries'datasheetsforspecificscreening.
table 4: enVIrOnMental ScreenIng Space dc-dc cOnVerterS prOtOtype, claSS h and claSS k, rha p, l and r
enVironMental Screening SPace dc-dc conVerterS PrototyPe,
claSS h and claSS K, rha1 P, l and r
non
-QMl 2
QMl 3
PrototyPe
claSS h
claSS K
teSt PerforMed
/oo 4
/hP
/hl
/hr
/KP
/Kl
/Kr
non-destruct wire bond pull, Method 2023
n
5
n
5
n
5
n
n
n
pre-cap inspection, Method 2017, 2032
n
n
n
n
n
n
n
temperature cycle (10 times) (Qual100times)
Method1010,Cond.C,-65°Cto+150°C,ambient
n
n
n
n
n
n
n
constant acceleration
Method2001,3000g(Qual5000g)
n
n
n
n
n
n
n
pind, test Method 2020, cond. a
n
5
n
5
n
5
n
n
n
pre burn-in test, group a, subgroups 1 and 4
n
n
5
n
5
n
5
n
n
n
burn-in Method 1015, +125°c case, typical 6
96hours
n
160hours
n
n
n
2x160hours(includesmid-BItest)
n
n
n
Final electrical test, Mil-prF-38534, group a,
Subgroups1and4:+25°Ccase
n
Subgroups1through6,-55°C,+25°C,+125°Ccase
n
n
n
n
n
n
Hermeticity test, Method 1014
GrossLeak,Cond.B2,Kr85
n
n
n
GrossLeak,Cond.C1,fluorocarbon
n
n
n
n
FineLeak,Cond.B1,Kr85
n
n
n
FineLeak,Cond.A2,helium
n
n
n
n
radiography, Method 2012
n
n
n
post radiography electrical test, +25°c case
n
5
n
5
n
5
Final visual inspection, Method 2009
n
n
n
n
n
n
n
rHa p: 30 krad(si) total dose 1, 7, 8
n
n
rHa l: 50 krad(si) total dose 1, 7, 8
n
n
rHa r: 100 krad(si) total dose 1, 7, 8
n
n
see, let 86 MeV cm2/mg 1, 9
n
n
n
n
n
n
TestmethodsarereferencedtoMIL-STD-883asdeterminedbyMIL-PRF-38534.
Notes
1.OurRedmondfacilityhasaDLAapprovedRHAplanforInterpointpower
products.OurSMDproductswithRHA“P”,“L”or“R”codemeetDLA
requirements.
2.Non-QMLprototypeproductsmaynotmeetalloftherequirementsof
MIL-PRF-38534.
3.AllprocessesareQMLqualifiedandperformedbycertifiedoperators.
4.“O”intheRHAdesignatorpositioninInterpointmodelnumbersindicatesDLA
RHA“-”definedasnoRHA.
5.NotrequiredbyDLAbutperformedtoassureproductquality.
6.Burn-intemperaturedesignedtobringthecasetemperatureto+125°Cminimum.
Burn-inisapoweredtest.
7.Highdoseratetest.
8.Lowdoseratetest.
9.NodestructiveeventsorSEL.
Crane Aerospace & Electronics Power Solutions
www.craneae.com/interpoint
Page43of44
sMrt single, dual and triple space dc-dc converters
19-56 Volt input – 35 Watt – space qualiFied
SMRT28RevAJ-2016.05.03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com