Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASD75-24S3.3EB Datasheet(PDF) 5 Page - Astrodyne Corporation

Part # ASD75-24S3.3EB
Description  75 Watt, High Density, Eighth Brick DC/DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

ASD75-24S3.3EB Datasheet(HTML) 5 Page - Astrodyne Corporation

  ASD75-24S3.3EB Datasheet HTML 1Page - Astrodyne Corporation ASD75-24S3.3EB Datasheet HTML 2Page - Astrodyne Corporation ASD75-24S3.3EB Datasheet HTML 3Page - Astrodyne Corporation ASD75-24S3.3EB Datasheet HTML 4Page - Astrodyne Corporation ASD75-24S3.3EB Datasheet HTML 5Page - Astrodyne Corporation ASD75-24S3.3EB Datasheet HTML 6Page - Astrodyne Corporation ASD75-24S3.3EB Datasheet HTML 7Page - Astrodyne Corporation ASD75-24S3.3EB Datasheet HTML 8Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
75 Watt, High Density, Eighth Brick DC/DC Converter
ASD75EB series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
Rtrim-down = (511 / %) – 10.22 kOhms
Rtrim-up = (5.11Vout|100 + % | / 1.225 %) – (511/%) – 10.22 kohms
Where:
% = [(Vnominal-Vdesired)/Vnominal] x 100%
Figure 4: TRIM Function
There is an upper limit to the trim up since the OVP level is fixed. Trimming the output voltage too high
may trigger the OVP circuit during higher load applications or during transients.
Current Limit Protection
The ASD75EB series modules include over current protection that allows them to withstand prolonged
overloads or short circuit conditions on the output without over heating. The ASD75EB series employs
hiccup mode protection such that the output shuts down during these conditions, waits for a predetermined
time (~500mS), and tries to restart. If the overload condition is still present, the converter will stop trying to
increase the output voltage and repeat the cycle.
Over Voltage Protection
The ASD75EB series modules have output over voltage protection. In the event of an over voltage
condition in the output pins, the converter will shut down immediately. Similar to hiccup mode, it
will make continuous attempts to start up until the over voltage is gone and resume normal operation
automatically
Input Under-Voltage Lockout
The ASD75EB series is designed to turn off when the input voltage is too low. This is done to avoid
stressing the input side circuitry of the primary circuit. The lockout is a comparator with hysteresis,
thus avoiding the converter jumping from on-off condition when crossing the UVLO threshold.
Trim
The Trim pin (pin 6) allows the user to adjust the output voltage across the sense pins from the initial
value. Trimming the output voltage requires the user to connect a resistor between Trim and + Vout for
output voltage trim up, or connect a resistor between Trim and – Vout for output voltage trim down. The
functions for trim up, trim down and the circuit implementation is shown in the figure 4.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com