Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASD75-24S3.3EB Datasheet(PDF) 8 Page - Astrodyne Corporation

Part # ASD75-24S3.3EB
Description  75 Watt, High Density, Eighth Brick DC/DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

ASD75-24S3.3EB Datasheet(HTML) 8 Page - Astrodyne Corporation

  ASD75-24S3.3EB Datasheet HTML 1Page - Astrodyne Corporation ASD75-24S3.3EB Datasheet HTML 2Page - Astrodyne Corporation ASD75-24S3.3EB Datasheet HTML 3Page - Astrodyne Corporation ASD75-24S3.3EB Datasheet HTML 4Page - Astrodyne Corporation ASD75-24S3.3EB Datasheet HTML 5Page - Astrodyne Corporation ASD75-24S3.3EB Datasheet HTML 6Page - Astrodyne Corporation ASD75-24S3.3EB Datasheet HTML 7Page - Astrodyne Corporation ASD75-24S3.3EB Datasheet HTML 8Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
75 Watt, High Density, Eighth Brick DC/DC Converter
ASD75EB series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
Efficiency Curves
Ta=25oC, airflow rate = 400LFM
ASD75-48S3.3EB Efficiency Curve
55%
60%
65%
70%
75%
80%
85%
90%
95%
5
9
0%
%
0
1
%
0
2
%
0
3
%
0
4
%
0
5
%
0
6
%
0
7
%
0
8
%
0
9
100%
Output Load Current; Imax = 20A
Output Load Current; Imax = 20A
Output Load Current; Imax = 20A
Output Load Current; Imax = 20A
36Vdc Input
36Vdc Input
36Vdc Input
36Vdc Input
48Vdc Input
48Vdc Input
48Vdc Input
48Vdc Input
75Vdc Input
75Vdc Input
75Vdc Input
75Vdc Input
ASD75-48S5EB Efficiency Curve
60%
65%
70%
75%
80%
85%
90%
95%
0%
%
0
1
%
0
2
%
0
3
%
0
4
%
0
5
%
0
6
%
0
7
%
0
8
%
0
9
100%
Output Load Current; Imax = 15A
Output Load Current; Imax = 15A
Output Load Current; Imax = 15A
Output Load Current; Imax = 15A
36Vdc Input
36Vdc Input
36Vdc Input
36Vdc Input
48Vdc Input
48Vdc Input
48Vdc Input
48Vdc Input
75Vdc Input
75Vdc Input
75Vdc Input
75Vdc Input
ASD75-48S12EB Efficiency Curve
60%
65%
70%
75%
80%
85%
90%
95%
0%
%
0
1
%
0
2
%
0
3
%
0
4
%
0
5
%
0
6
%
0
7
%
0
8
%
0
9
100%
Output Load Current; Imax = 6.25A
Output Load Current; Imax = 6.25A
Output Load Current; Imax = 6.25A
Output Load Current; Imax = 6.25A
36Vdc Inpit
36Vdc Inpit
36Vdc Inpit
36Vdc Inpit
48Vdc Input
48Vdc Input
48Vdc Input
48Vdc Input
75Vdc Input
75Vdc Input
75Vdc Input
75Vdc Input
ASD75-24S3.3EB Efficiency Curve
70%
75%
80%
85%
90%
95%
Output Load Current; Imax = 20A
Output Load Current; Imax = 20A
Output Load Current; Imax = 20A
Output Load Current; Imax = 20A
18Vdc Input
18Vdc Input
18Vdc Input
18Vdc Input
24Vdc Input
24Vdc Input
24Vdc Input
24Vdc Input
36Vdc Input
36Vdc Input
36Vdc Input
36Vdc Input
ASD75-24S5EB Efficiency Curve
65%
70%
75%
80%
85%
90%
95%
Output Load Current; Imax = 15A
Output Load Current; Imax = 15A
Output Load Current; Imax = 15A
Output Load Current; Imax = 15A
18Vdc Input
18Vdc Input
18Vdc Input
18Vdc Input
24Vdc Input
24Vdc Input
24Vdc Input
24Vdc Input
36Vdc Input
36Vdc Input
36Vdc Input
36Vdc Input
ASD75-24S12EB Efficiency Curve
Output Load Current; Imax = 6.25A
Output Load Current; Imax = 6.25A
Output Load Current; Imax = 6.25A
Output Load Current; Imax = 6.25A
18Vdc Input
18Vdc Input
18Vdc Input
18Vdc Input
24Vdc Input
24Vdc Input
24Vdc Input
24Vdc Input
36Vdc Input
36Vdc Input
36Vdc Input
36Vdc Input
0%
%
0
1
%
0
2
%
0
3
%
0
4
%
0
5
%
0
6
%
0
7
%
0
8
%
0
9
100%
0%
%
0
1
%
0
2
%
0
3
%
0
4
%
0
5
%
0
6
%
0
7
%
0
8
%
0
9
100%
60%
65%
70%
75%
80%
85%
90%
95%
0%
%
0
1
%
0
2
%
0
3
%
0
4
%
0
5
%
0
6
%
0
7
%
0
8
%
0
9
100%
ASD75-48S3.3EB Efficiency Curve
ASD75-48S5EB Efficiency Curve
ASD75-24S3.3EB Efficiency Curve
ASD75-48S12EB Efficiency Curve
ASD75-24S5EB Efficiency Curve
ASD75-24S12EB Efficiency Curve
0315



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com