Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASD75-24S3.3EB Datasheet(PDF) 7 Page - Astrodyne Corporation

Part # ASD75-24S3.3EB
Description  75 Watt, High Density, Eighth Brick DC/DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

ASD75-24S3.3EB Datasheet(HTML) 7 Page - Astrodyne Corporation

  ASD75-24S3.3EB Datasheet HTML 1Page - Astrodyne Corporation ASD75-24S3.3EB Datasheet HTML 2Page - Astrodyne Corporation ASD75-24S3.3EB Datasheet HTML 3Page - Astrodyne Corporation ASD75-24S3.3EB Datasheet HTML 4Page - Astrodyne Corporation ASD75-24S3.3EB Datasheet HTML 5Page - Astrodyne Corporation ASD75-24S3.3EB Datasheet HTML 6Page - Astrodyne Corporation ASD75-24S3.3EB Datasheet HTML 7Page - Astrodyne Corporation ASD75-24S3.3EB Datasheet HTML 8Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
75 Watt, High Density, Eighth Brick DC/DC Converter
ASD75EB series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
Thermal Characteristic
Test done using Thermal Set-up of Figure 5; Vin = Vinnom
ASD75-48S3.3EB Power Derating Curve
0%
20%
40%
60%
80%
100%
120%
25
0
3
5
3
0
4
5
4
0
5
5
5
0
6
5
6
0
7
5
7
0
8
5
8
Temperature (ºC)
Temperature (ºC)
Temperature (ºC)
Temperature (ºC)
0 LFM
0 LFM
0 LFM
0 LFM
100 LFM
100 LFM
100 LFM
100 LFM
200 LFM
200 LFM
200 LFM
200 LFM
300 LFM
300 LFM
300 LFM
300 LFM
400 LFM
400 LFM
400 LFM
400 LFM
ASD75-48S5EB Power Derating Curve
Temperature (ºC)
Temperature (ºC)
Temperature (ºC)
Temperature (ºC)
0 LFM
0 LFM
0 LFM
0 LFM
100 LFM
100 LFM
100 LFM
100 LFM
200 LFM
200 LFM
200 LFM
200 LFM
300 LFM
300 LFM
300 LFM
300 LFM
400 LFM
400 LFM
400 LFM
400 LFM
ASD75-48S12EB Power Derating Curve
Temperature (ºC)
Temperature (ºC)
Temperature (ºC)
Temperature (ºC)
0 LFM
0 LFM
0 LFM
0 LFM
100 LFM
100 LFM
100 LFM
100 LFM
200 LFM
200 LFM
200 LFM
200 LFM
300 LFM
300 LFM
300 LFM
300 LFM
400 LFM
400 LFM
400 LFM
400 LFM
ASD75-24S3.3EB Power Derating Curve
Temperature (ºC)
Temperature (ºC)
Temperature (ºC)
Temperature (ºC)
0 LFM
0 LFM
0 LFM
0 LFM
100 LFM
100 LFM
100 LFM
100 LFM
200 LFM
200 LFM
200 LFM
200 LFM
300 LFM
300 LFM
300 LFM
300 LFM
400 LFM
400 LFM
400 LFM
400 LFM
ASD75-24S5EB Power Derating Curve
Temperature (ºC)
Temperature (ºC)
Temperature (ºC)
Temperature (ºC)
0 LFM
0 LFM
0 LFM
0 LFM
100 LFM
100 LFM
100 LFM
100 LFM
200 LFM
200 LFM
200 LFM
200 LFM
300 LFM
300 LFM
300 LFM
300 LFM
400 LFM
400 LFM
400 LFM
400 LFM
ASD75-24S12EB Power Derating Curve
Temperature (ºC)
Temperature (ºC)
Temperature (ºC)
Temperature (ºC)
0 LFM
0 LFM
0 LFM
0 LFM
100 LFM
100 LFM
100 LFM
100 LFM
200 LFM
200 LFM
200 LFM
200 LFM
300 LFM
300 LFM
300 LFM
300 LFM
400 LFM
400 LFM
400 LFM
400 LFM
0%
20%
40%
60%
80%
100%
120%
25
0
3
5
3
0
4
5
4
0
5
5
5
0
6
5
6
0
7
5
7
0
8
5
8
0%
20%
40%
60%
80%
100%
120%
25
0
3
5
3
0
4
5
4
0
5
5
5
0
6
5
6
0
7
5
7
0
8
5
8
0%
20%
40%
60%
80%
100%
120%
25
0
3
5
3
0
4
5
4
0
5
5
5
0
6
5
6
0
7
5
7
0
8
5
8
0%
20%
40%
60%
80%
100%
120%
25
0
3
5
3
0
4
5
4
0
5
5
5
0
6
5
6
0
7
5
7
0
8
5
8
0%
20%
40%
60%
80%
100%
120%
25
0
3
5
3
0
4
5
4
0
5
5
5
0
6
5
6
0
7
5
7
0
8
5
8
ASD75-48S12EB Power Derating Curve
ASD75-24S12EB Power Derating Curve



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com