Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3538TMX/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM3538TMX/NOPB
Description  6-Channel WLED Driver with Four Integrated LDOs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3538TMX/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM3538TMX/NOPB Datasheet HTML 3Page - Texas Instruments LM3538TMX/NOPB Datasheet HTML 4Page - Texas Instruments LM3538TMX/NOPB Datasheet HTML 5Page - Texas Instruments LM3538TMX/NOPB Datasheet HTML 6Page - Texas Instruments LM3538TMX/NOPB Datasheet HTML 7Page - Texas Instruments LM3538TMX/NOPB Datasheet HTML 8Page - Texas Instruments LM3538TMX/NOPB Datasheet HTML 9Page - Texas Instruments LM3538TMX/NOPB Datasheet HTML 10Page - Texas Instruments LM3538TMX/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
LM3538
www.ti.com
SNVS674A – JUNE 2011 – REVISED MAY 2013
Voltage Regulators Electrical Characteristics
(1) (2)
Unless otherwise noted, VIN_A= VIN_B = VIN_C = 3.6V, CIN_A = 1 µF, CIN_B = 100 nF, CIN_C = 2.2 µF, CLDOX= 1 µF, HWEN = high.
Limits in standard typeface are for TJ = 25°C, and limits in boldface type apply over the operating ambient temperature range
(-30°C to +85°C).
(3)
Symbol
Parameter
Condition
Min
Typ
Max
Units
LDO1
−2
+2
Output Voltage Accuracy
IOUTLDO = 1mA, VOUTLDO = 2.80V
%
VOUT
−3
+3
Default Output Voltage
2.80
V
Output Current
1.8V
≤ VIN_C ≤ 5.5V
300
mA
IOUT
Output Current Limit (short circuit)
VOUTLDO = 0V
600
mA
VDO
Dropout Voltage
IOUTLDO = 300mA
220
300
mV
VOUTLDO + 0.5V ≤ VIN_C ≤ 4.5V
Line Regulation
2
IOUTLDO = 1mA
ΔVOUT
mV
Load Regulation
1 mA
≤ IOUTLDO ≤ 300mA
20
f = 100Hz,
CLDO1 = 1 µF,
PSRR
Power Supply Ripple Rejection Ratio
65
dB
IOUTLDO = 20 mA
Output Voltage = 1.20V
LDO2, LDO3, LDO4
-2
+2
Output Voltage Accuracy
IOUTLDO = 1 mA, VOUTLDO = 2.80V
%
-3
+3
VOUT
LDO2
1.80
V
Default Output Voltage
LDO3
1.80
V
LDO4
2.80
Output Current
1.8V
≤ VIN_C ≤ 5.5V
150
mA
IOUT
Output Current Limit (short circuit)
VOUTLDO = 0V
400
mA
VDO
Dropout Voltage
IOUTLDO = 150mA
100
200
mV
VOUTLDO + 0.5V ≤ VIN_C ≤ 4.5V
Line Regulation
2
IOUTLDO = 1mA
ΔVOUT
mV
Load Regulation
1 mA
≤ IOUTLDO ≤ 150mA
10
f = 100 Hz,
CLDOX = 1 µF,
PSRR
Power Supply Ripple Rejection Ratio
65
dB
IOUTLDO = 20mA
Output Voltage = 1.20V
LDO Combined Common Electrical Characteristics
All LDOs Disabled
0.2
1
µA
One LDO Enabled
70
130
Ground Pin Current (GND and PGND-
IGND
Note: IOUTLDOX = 0mA Two LDOs Enabled
100
pin)
µA
Three LDOs Enabled
130
Four LDOs Enabled
160
CLDOX = 1µF, IOUTLDO = 150mA
130
VOUT = 2.8V. Enable of First LDO
tSTART-UP Turn-on Time from Shut-down
(4)
µs
CLDOX = 1µF, IOUTLDO = 150mA
VOUT = 2.8V. Enable of Each Subsequent
70
LDO after First Enabled
TTransient
Start-Up Transient Overshoot
CLDOX = 1µF, IOUTLDO = 150mA
30
mV
(1)
All voltages are with respect to the potential at the GND pins.
(2)
Min and Max limits are specified by design, test, or statistical analysis. Typical numbers are not ensured, but do represent the most
likely norm.
(3)
CIN_C, CLDOX : Low-ESR Surface-Mount Ceramic Capacitors (MLCCs) used in setting electrical characteristics.
(4)
Time needed for VOUTLDO to reach 95% of final value.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM3538



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com