Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3538TMX/NOPB Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM3538TMX/NOPB
Description  6-Channel WLED Driver with Four Integrated LDOs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3538TMX/NOPB Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM3538TMX/NOPB Datasheet HTML 5Page - Texas Instruments LM3538TMX/NOPB Datasheet HTML 6Page - Texas Instruments LM3538TMX/NOPB Datasheet HTML 7Page - Texas Instruments LM3538TMX/NOPB Datasheet HTML 8Page - Texas Instruments LM3538TMX/NOPB Datasheet HTML 9Page - Texas Instruments LM3538TMX/NOPB Datasheet HTML 10Page - Texas Instruments LM3538TMX/NOPB Datasheet HTML 11Page - Texas Instruments LM3538TMX/NOPB Datasheet HTML 12Page - Texas Instruments LM3538TMX/NOPB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
LM3538
www.ti.com
SNVS674A – JUNE 2011 – REVISED MAY 2013
Typical Performance Characteristics
Unless otherwise specified: VIN_A,B,C = 3.6V, CIN_A = COUT = 1.0µF, CIN_B = 0.1µF, CIN_C = 4.7µF, C1 = C2= 1.0µF, CLDOx=
1.0µF, TA = 25°C.
Regulator 1 (300mA) Output Voltage
Regulator 2,3,4 (150mA) Output Voltage
vs
vs
Output Current. VSET = 2.80V
Output Current. VSET = 1.80V
Figure 2.
Figure 3.
Power Supply Rejection Ratio, VOUT = 1.20V, ILOAD = 20mA.
Power Supply Rejection Ratio, VOUT = 1.20V, ILOAD = 20mA.
VIN_C is shorted to VIN_A, VIN_B.
Signal Applied on VIN_C. VIN_A and VIN_B Clear.
Figure 4.
Figure 5.
Load Transient. VOUT setting = 1.80V,
Line Transient Response.
ILOAD 1mA to 150mA to 1mA; tRISE= tFALL= 5µs.
VOUT setting = 1.80V, ILOAD 1mA.
Figure 6.
Figure 7.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM3538



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com