Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3538TMX/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM3538TMX/NOPB
Description  6-Channel WLED Driver with Four Integrated LDOs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3538TMX/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM3538TMX/NOPB Datasheet HTML 1Page - Texas Instruments LM3538TMX/NOPB Datasheet HTML 2Page - Texas Instruments LM3538TMX/NOPB Datasheet HTML 3Page - Texas Instruments LM3538TMX/NOPB Datasheet HTML 4Page - Texas Instruments LM3538TMX/NOPB Datasheet HTML 5Page - Texas Instruments LM3538TMX/NOPB Datasheet HTML 6Page - Texas Instruments LM3538TMX/NOPB Datasheet HTML 7Page - Texas Instruments LM3538TMX/NOPB Datasheet HTML 8Page - Texas Instruments LM3538TMX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
LM3538
www.ti.com
SNVS674A – JUNE 2011 – REVISED MAY 2013
LM3538 6-Channel WLED Driver with Four Integrated LDOs
Check for Samples: LM3538
1
FEATURES
DESCRIPTION
The LM3538 is a highly integrated LED driver
2
Lighting:
capable of driving 6 LEDs in parallel for single display
•
6-channel Backlight Capability
backlighting applications. Independent LED control
•
Internal ALS Engine; PWM Input to Support
allows for a subset of the main display LEDs to be
CABC
selected for partial illumination applications.
•
Built-in Power Supply and Gain Control for
I2C-compatible control allows full configurability of the
Ambient Light Sensor
backlighting function. The LM3538 provides multi-
zone Ambient Light Sensing allowing autonomous
•
Up to 90% Efficiency
backlight intensity control in the event of changing
•
Adaptive Charge Pump with 1x and 1.5x Gains
ambient light conditions. A PWM input is also
for Maximum Efficiency
provided to give the user a means to adjust the
•
128 Dimming Steps for Group A, Exponential
backlight
intensity
dynamically
based
upon
the
or Linear Dimming Selectable by Register
content of the display.
Setup
Four integrated LDOs are fully configurable through
•
8 Linear Dimming States for Group B
I2C capable of addressing point-of-load regulation
needs for functions such as integrated camera
LDOs:
modules. The LDOs can be powered from main
•
4 Programmable LDOs (300mA/150mA Output
battery source, or by a fixed output voltage of an
Currents)
external buck converter (post regulation) leading to
•
Default Startup Voltage States
higher conversion efficiency.
•
Low Dropout Voltage: 100mV typ. at 150mA
The LM3538 provides excellent efficiency without the
Load Current
use of an inductor by operating the charge pump in a
•
LDO Input Voltage = 1.8V to VIN_A
gain of 3/2 or in Pass-Mode. The proper gain for
maintaining current regulation is chosen, based on
•
Overload Protection
LED forward voltage, so that efficiency is maximized
Combined Common Features:
over the input voltage range
•
Wide Input Voltage Range: 2.7V to 5.5V
LM3538 is offered in a tiny 30-bump DSBGA
•
I2C-compatible Serial Interface
package.
•
2 General-purpose Outputs
APPLICATIONS
•
Smartphone Lighting
•
MP3 players, Gaming Devices
•
Digital Cameras
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2011–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM3538TMX/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3538TMX/NOPB TI2-LM3538TMX/NOPB Datasheet
691Kb / 31P
LM3538 6-Channel WLED Driver with Four Integrated LDOs
REVISED MAY 2013
LM3538TMX/NOPB.A TI2-LM3538TMX/NOPB.A Datasheet
691Kb / 31P
LM3538 6-Channel WLED Driver with Four Integrated LDOs
REVISED MAY 2013
More results

Similar Description - LM3538TMX/NOPB

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2845 ANALOGICTECH-AAT2845 Datasheet
841Kb / 19P
Four-Channel Backlight Driver with Dual LDOs
AAT2847 ANALOGICTECH-AAT2847 Datasheet
382Kb / 20P
Four-Channel Backlight Driver with Dual LDOs
AAT2845A ANALOGICTECH-AAT2845A Datasheet
461Kb / 19P
Four-Channel Backlight Driver with Dual LDOs
AAT2845 ANALOGICTECH-AAT2845_08 Datasheet
1Mb / 19P
Four-Channel Backlight Driver with Dual LDOs
AAT2847 ANALOGICTECH-AAT2847_08 Datasheet
706Kb / 20P
Four-Channel Backlight Driver with Dual LDOs
logo
Micrel Semiconductor
MIC2846A MICREL-MIC2846A Datasheet
1Mb / 19P
High Efficiency 6 Channel Linear WLED Driver with DAM?? Digital Control and Dual Low IQ LDOs
logo
Texas Instruments
LM3537 TI1-LM3537 Datasheet
1,014Kb / 30P
LM3537 8-Channel WLED Driver with Four Integrated LDOs
LM3538 TI1-LM3538 Datasheet
1,010Kb / 28P
LM3538 6-Channel WLED Driver with Four Integrated LDOs
LM3537 TI1-LM3537_13 Datasheet
1Mb / 33P
8-Channel WLED Driver with Four Integrated LDOs
TPS65154 TI1-TPS65154 Datasheet
2Mb / 87P
LCD Bias IC with Integrated WLED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com