Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCM1748KE/2K Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1748KE/2K
Description  Audio Digital-to-Analog Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1748KE/2K Datasheet(HTML) 2 Page - Texas Instruments

  PCM1748KE/2K Datasheet HTML 1Page - Texas Instruments PCM1748KE/2K Datasheet HTML 2Page - Texas Instruments PCM1748KE/2K Datasheet HTML 3Page - Texas Instruments PCM1748KE/2K Datasheet HTML 4Page - Texas Instruments PCM1748KE/2K Datasheet HTML 5Page - Texas Instruments PCM1748KE/2K Datasheet HTML 6Page - Texas Instruments PCM1748KE/2K Datasheet HTML 7Page - Texas Instruments PCM1748KE/2K Datasheet HTML 8Page - Texas Instruments PCM1748KE/2K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
PCM1748
SBAS165B – MAY 2001 – REVISED APRIL 2005
over operating free-air temperature range (unless otherwise noted)
Power supply voltage, VDD
–0.3 to 4 V
Power supply voltage, VCC
–0.3 to 6.5 V
Supply voltage difference, VCC, VDD
VCC – VDD < 3 V
Ground voltage differences
±0.1 V
Digital input voltage
–0.3 V to 6.5 V
Input current (except power supply)
±10 mA
Ambient temperature under bias
–40°C to 125°C
Storage temperature, Tstg
–55°C to 150°C
Junction temperature, TJ
150°C
Lead temperature (soldering)
260°C, 5 s
Package temperature (IR reflow, peak)
235°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
over operating free-air temperature range
MIN
NOM
MAX
UNIT
Digital supply voltage, VDD
3
3.3
3.6
V
Analog supply voltage, VCC
4.5
5
5.5
V
Digital input logic family
TTL
System clock
8.192
36.864
MHz
Digital input clock frequency
Sampling clock
32
96
kHz
Analog output load resistance
5
k
Ω
Analog output load capacitance
50
pF
Digital output load capacitance
20
pF
Operating free-air temperature, TA
–25
85
°C
All specifications at T
A = 25°C, VCC = 5 V, VDD = 3.3 V, fS = 44.1 kHz, system clock = 384 fS, and 24-bit data, unless otherwise
noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RESOLUTION
24
Bits
DATA FORMAT
Audio data interface formats
Standard, I2S, left-justified
Audio data bit length
16-, 18-, 20-, 24-bit selectable
Audio data format
MSB-first, binary 2s complement
fS
Sampling frequency
5
100
kHz
System clock frequency
256 fS, 384 fS, 512 fS, 768 fS
DIGITAL INPUT/OUTPUT
Logic family
TTL-compatible
Input Logic Level
VIH
High-level input votlage
2
VDC
VIL
Low-level input voltage
0.8
VDC
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com