Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCM1748KE/2K Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1748KE/2K
Description  Audio Digital-to-Analog Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1748KE/2K Datasheet(HTML) 14 Page - Texas Instruments

Back Button PCM1748KE/2K Datasheet HTML 10Page - Texas Instruments PCM1748KE/2K Datasheet HTML 11Page - Texas Instruments PCM1748KE/2K Datasheet HTML 12Page - Texas Instruments PCM1748KE/2K Datasheet HTML 13Page - Texas Instruments PCM1748KE/2K Datasheet HTML 14Page - Texas Instruments PCM1748KE/2K Datasheet HTML 15Page - Texas Instruments PCM1748KE/2K Datasheet HTML 16Page - Texas Instruments PCM1748KE/2K Datasheet HTML 17Page - Texas Instruments PCM1748KE/2K Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
www.ti.com
LRCK
BCK
DATA
50% of V
DD
50% of V
DD
50% of V
DD
t
BCH
t
BCL
t
LB
t
BL
t
DS
t
DH
t
BCY
PCM1748
SBAS165B – MAY 2001 – REVISED APRIL 2005
SYMBOL
DESCRIPTION
MIN
MAX
UNIT
tBCY
BCK pulse cycle time
1/(64 fS)(1)
tBCH
BCK high-level time
35
ns
tBCL
BCK low-level time
35
ns
tBL
BCK rising edge to LRCK edge
10
ns
tLB
LRCK falling edge to BCK rising edge
10
ns
tDS
DATA setup time
10
ns
tDH
DATA hold time
10
ns
(1)
fS is the sampling frequency (e.g., 44.1 kHz, 48 kHz, 96 kHz, etc.).
Figure 22. Audio Interface Timing
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com