Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCM1748KE/2K Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1748KE/2K
Description  Audio Digital-to-Analog Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1748KE/2K Datasheet(HTML) 6 Page - Texas Instruments

Back Button PCM1748KE/2K Datasheet HTML 2Page - Texas Instruments PCM1748KE/2K Datasheet HTML 3Page - Texas Instruments PCM1748KE/2K Datasheet HTML 4Page - Texas Instruments PCM1748KE/2K Datasheet HTML 5Page - Texas Instruments PCM1748KE/2K Datasheet HTML 6Page - Texas Instruments PCM1748KE/2K Datasheet HTML 7Page - Texas Instruments PCM1748KE/2K Datasheet HTML 8Page - Texas Instruments PCM1748KE/2K Datasheet HTML 9Page - Texas Instruments PCM1748KE/2K Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
www.ti.com
PIN ASSIGNMENTS
BCK
DATA
LRCK
DGND
V
DD
V
CC
V
OUTL
V
OUTR
SCK
ML
MC
MD
ZEROL/NA
ZEROR/ZEROA
V
COM
AGND
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
PCM1748
PCM1748
SBAS165B – MAY 2001 – REVISED APRIL 2005
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
AGND
9
–
Analog ground
BCK
1
I
Audio data bit clock input (1)
DATA
2
I
Audio data digital input (1)
DGND
4
–
Digital ground
LRCK
3
I
L-channel and R-channel audio data latch enable input (1)
MC
14
I
Mode control clock input (2)
MD
13
I
Mode control data input (2)
ML
15
I
Mode control latch input (2)
SCK
16
I
System clock input (1)
VCC
6
–
Analog power supply, 5-V
VCOM
10
–
Common voltage decoupling
VDD
5
–
Digital power supply, 3.3-V
VOUTL
7
O
Analog output for L-channel
VOUTR
8
O
Analog output for R-channel
ZEROL/NA
12
O
Zero-flag output for L-channel/Not assigned
ZEROR/ZEROA
11
O
Zero-flag output for R-channel/Zero-flag output for L-/R-channels
(1)
Schmitt-trigger input, 5-V tolerant
(2)
Schmitt-trigger input with internal pulldown, 5-V tolerant
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com